Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN8211A Datasheet(PDF) 1 Page - ON Semiconductor

Part # EN8211A
Description  Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single MCPH3
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN8211A Datasheet(HTML) 1 Page - ON Semiconductor

  EN8211A Datasheet HTML 1Page - ON Semiconductor EN8211A Datasheet HTML 2Page - ON Semiconductor EN8211A Datasheet HTML 3Page - ON Semiconductor EN8211A Datasheet HTML 4Page - ON Semiconductor EN8211A Datasheet HTML 5Page - ON Semiconductor EN8211A Datasheet HTML 6Page - ON Semiconductor EN8211A Datasheet HTML 7Page - ON Semiconductor EN8211A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
80812 TKIM/12805EA TSIM TB-00001031 No.8211-1/8
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
MCH3145/MCH3245
Bipolar Transistor
(–)50V, (–)2A, Low VCE(sat), (PNP)NPN Single MCPH3
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Applicaitons
Relay drivers, lamp drivers, motor drivers, flash
Features
Adoption of MBIT processes
Large current capacity
Low collector-to-emitter saturation voltage
High-speed switching
Ultrasmall package permitting applied sets to be small and slim (mounting height : 0.85mm)
High allowable power dissipation
Specifications ( ) : MCH3145
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--50)80
V
Collector-to-Emitter Voltage
VCES
(--50)80
V
VCEO
(--)50
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)2
A
Collector Current (Pulse)
ICP
(--)4
A
Base Current
IB
(--)400
mA
Collector Dissipation
PC
When mounted on ceramic substrate (600mm2×0.8mm)
0.8
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7019A-004
Ordering number : EN8211A
Product & Package Information
• Package
: MCPH3
• JEITA, JEDEC
: SC-70, SOT-323
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type : TL
Marking
Electrical Connection
1 : Base
2 : Emitter
3 : Collector
MCPH3
2.0
0.65
0.3
0.15
12
3
0 to 0.02
AN
CS
MCH3245
MCH3145
TL
3
2
1
MCH3245
3
2
1
MCH3145
MCH3145-TL-E
MCH3245-TL-E


Similar Part No. - EN8211A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN8210A ONSEMI-EN8210A Datasheet
365Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single MCPH3
September, 2013
More results

Similar Description - EN8211A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH3105 ONSEMI-MCH3105 Datasheet
409Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH3144 ONSEMI-MCH3144 Datasheet
365Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single MCPH3
September, 2013
2SD1623T-TD-E ONSEMI-2SD1623T-TD-E Datasheet
368Kb / 8P
   Bipolar Transistor (??50V, (??2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SB1123 ONSEMI-2SB1123 Datasheet
368Kb / 8P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SA2153 ONSEMI-2SA2153 Datasheet
325Kb / 6P
   Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SA2186 ONSEMI-2SA2186 Datasheet
584Kb / 7P
   Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single NMP
September, 2013
2SA2127 ONSEMI-2SA2127 Datasheet
462Kb / 9P
   Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single MP
September, 2013
2SC5994-TD-E ONSEMI-2SC5994-TD-E Datasheet
327Kb / 7P
   Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
MCH3109 ONSEMI-MCH3109 Datasheet
408Kb / 7P
   Bipolar Transistor (-)30V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH3106 ONSEMI-MCH3106 Datasheet
372Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH3
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com