Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN6861C Datasheet(PDF) 4 Page - ON Semiconductor

Part # EN6861C
Description  Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH3
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN6861C Datasheet(HTML) 4 Page - ON Semiconductor

  EN6861C Datasheet HTML 1Page - ON Semiconductor EN6861C Datasheet HTML 2Page - ON Semiconductor EN6861C Datasheet HTML 3Page - ON Semiconductor EN6861C Datasheet HTML 4Page - ON Semiconductor EN6861C Datasheet HTML 5Page - ON Semiconductor EN6861C Datasheet HTML 6Page - ON Semiconductor EN6861C Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MCH3106
No.6861-4/7
100
f T -- IC
7
5
3
7
5
3
2
--0.01
--0.1
23
5 7
--1.0
23
5 7
--10
23
5 7
7
VCE= --2V
IT07995
IT07997
0.2
0.4
0.6
0.8
0.9
1.0
0
PC -- Ta
0
20
40
60
80
100
120
140
160
A S O
--1.0
--0.1
23
5
7
--10
22
35
7
IT07996
--0.1
--0.01
7
5
3
2
--1.0
7
5
3
2
--10
7
5
3
2
ICP= --5A
IC= --3A
500
μs
1ms
10ms
100ms
DC
operation
Collector Current, IC -- A
Ambient Temperature, Ta --
°C
Collector-to-Emitter Voltage, VCE -- V
Ta=25
°C
Single pulse
When mounted on ceramic substrate (600mm2
✕0.8mm)
When mounted on ceramic substrate
(600mm2
✕0.8mm)


Similar Part No. - EN6861C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EN6800A SANYO-EN6800A Datasheet
383Kb / 6P
   Varactor Diode for FM Receiver Electronic Tuning Use
More results

Similar Description - EN6861C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH3109 ONSEMI-MCH3109 Datasheet
408Kb / 7P
   Bipolar Transistor (-)30V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH3105 ONSEMI-MCH3105 Datasheet
409Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH6121 ONSEMI-MCH6121 Datasheet
520Kb / 6P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
CPH6121 ONSEMI-CPH6121 Datasheet
535Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
CPH3106 ONSEMI-CPH3106 Datasheet
587Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH3
September, 2013
12A02MH ONSEMI-12A02MH Datasheet
369Kb / 6P
   Bipolar Transistor ??2V, ??A, Low VCE(sat) PNP Single MCPH3
August, 2013
30A02MH ONSEMI-30A02MH Datasheet
369Kb / 6P
   Bipolar Transistor -30V, -0.7A, Low VCE(sat) PNP Single MCPH3
August, 2013
MCH3144 ONSEMI-MCH3144 Datasheet
365Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single MCPH3
September, 2013
MCH3145 ONSEMI-MCH3145 Datasheet
436Kb / 8P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
12A02CH ONSEMI-12A02CH Datasheet
583Kb / 6P
   Bipolar Transistor -12V, -1A, Low VCE(sat) PNP Single CPH3
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com