Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MTAN2123-AG Datasheet(PDF) 1 Page - Marktech Corporate

Part No. MTAN2123-AG
Description  Marktech 2.30 Single Alpha Numeric
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTAN2123-AG Datasheet(HTML) 1 Page - Marktech Corporate

  MTAN2123-AG Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
440
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
2.3" Sing
2.3" Sing
2.3" Sing
2.3" Sing
2.3" Single Digit
le Digit
le Digit
le Digit
le Digit Alpha Numeric Displa
Alpha Numeric Displa
Alpha Numeric Displa
Alpha Numeric Displa
Alpha Numeric Displayyyyy
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
· 2.3" digit height
· Right hand decimal point
· Additional colors/materials available
PINOUT 1
PINOUT 2
COMMON ANODE
COMMON CATHODE
PIN NO. FUNCTION
PIN NO.
FUNCTION
1.
COMMON ANODE
1.
COMMON CATHODE
2.
CATHODE G1
2.
ANODE G1
3.
CATHODE E
3.
ANODE E
4.
CATHODE D2
4.
ANODE D2
5.
CATHODE M
5.
ANODE M
6.
CATHODE L
6.
ANODE L
7.
CATHODE D1
7.
ANODE D1
8.
CATHODE K
8.
ANODE K
9.
CATHODE C
9.
ANODE C
10.
CATHODE DP
10.
ANODE DP
11.
COMMON ANODE
11.
COMMON CATHODE
12.
CATHODE G2
12.
ANODE G2
13.
CATHODE B
13.
ANODE B
14.
CATHODE A2
14.
ANODE A2
15.
CATHODE J
15.
ANODE J
16.
CATHODE I
16.
ANODE I
17.
CATHODE A1
17.
ANODE A1
18.
CATHODE H
18.
ANODE H
19.
CATHODE F
19.
ANODE F
20.
NO CONNECTION
20.
NO CONNECTION
1. ALL DIMENSIONS ARE IN mm, TOLERANCE IS ±0.25mm UNLESS OTHERWISE SPECIFIED.
2. THE SLOPE ANGLE OF ANY PIN MAY BE ±5.0° MAX.
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
P
PP
P
PA
A
A
A
ACKA
CKA
CKA
CKA
CKAGE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
PART NO.
PEAK
WAVE
LENGTH
(nm)
EMITTED
COLOR
FACE COLORS
MAXIMUM RATINGS
OPTO-ELECTRICAL CHARACTERISTICS
PIN-
OUT
SURFACE
COLOR
EPOXY
COLOR
IF
(mA)
VR
(V)
PD
(mW)
VF(V)
IR(µA)
IV(µcd)
Seg. typ.
@40mA
DP typ.
@20mA
max.
@VR
typ. per
seg.
@mA
MTAN2123-AG
567
Green
Grey
White
30
5
85
4.2
2.1
100
5
4100
20
1
MTAN4123-AO
635
Orange
Grey
White
30
5
85
4.2
2.1
100
5
4700
20
1
MTAN4123-AHR
635
Hi-Eff Red
Red
Red
30
5
85
4.2
2.1
100
5
4700
20
1
MTAN7123M-42A
660
Ultra Red
Grey
White
30
4
70
3.4
1.7
100
4
20600
20
1
MTAN2123-CG
567
Green
Grey
White
30
5
85
4.2
2.1
100
5
4100
20
2
MTAN4123-CO
635
Orange
Grey
White
30
5
85
4.2
2.1
100
5
4700
20
2
MTAN4123-CHR
635
Hi-Eff Red
Red
Red
30
5
85
4.2
2.1
100
5
4700
20
2
MTAN7123M-42C
660
Ultra Red
Grey
White
30
4
70
3.4
1.7
100
4
20600
20
2
Operating Temperature: -25~+85, Storage Temperature: -25~+100. Other face/epoxy colors are available.
Typical luminous intensity of decimal point in µcd @10mA - Red: 1800, Green: 6800, Yellow: 5500, Hi-Eff Red & Orange: 7800, Ultra Bright Red: 20600.


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn