Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS5240X Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PBSS5240X
Description  40 V, 2 A PNP low VCEsat (BISS) transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS5240X Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PBSS5240X_15 Datasheet HTML 2Page - NXP Semiconductors PBSS5240X_15 Datasheet HTML 3Page - NXP Semiconductors PBSS5240X_15 Datasheet HTML 4Page - NXP Semiconductors PBSS5240X_15 Datasheet HTML 5Page - NXP Semiconductors PBSS5240X_15 Datasheet HTML 6Page - NXP Semiconductors PBSS5240X_15 Datasheet HTML 7Page - NXP Semiconductors PBSS5240X_15 Datasheet HTML 8Page - NXP Semiconductors PBSS5240X_15 Datasheet HTML 9Page - NXP Semiconductors PBSS5240X_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NXP Semiconductors
PBSS5240X
40 V, 2 A PNP low VCEsat (BISS) transistor
PBSS5240X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
19 October 2012
6 / 12
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBEsat
base-emitter saturation
voltage
IC = -1 A; IB = -100 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02 ; Tamb = 25 °C
-
-
-1.2
V
VBEon
base-emitter turn-on
voltage
VCE = -5 V; IC = -1 A; pulsed;
tp ≤ 300 µs; δ ≤ 0.02 ; Tamb = 25 °C
-
-
-1.1
V
fT
transition frequency
VCE = -10 V; IC = -50 mA; f = 100 MHz;
Tamb = 25 °C
150
-
-
MHz
Cc
collector capacitance
VCB = -10 V; IE = 0 A; ie = 0 A;
f = 1 MHz; Tamb = 25 °C
-
-
12
pF
006aaa794
400
200
600
800
hFE
0
IC (mA)
- 1
- 104
- 103
- 10
- 102
(1)
(2)
(3)
VCE = -5 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
Fig. 5. DC current gain as a function of collector
current; typical values
VCE (V)
0
- 5
- 4
- 2
- 3
- 1
006aaa799
- 0.8
- 1.6
- 2.4
IC
(A)
0
IB (mA) = - 24
- 21.6
- 19.2
- 16.8
- 14.4
- 9.6
- 7.2
- 4.8
- 2.4
- 12
Tamb = 25 °C
Fig. 6. Collector current as a function of collector-
emitter voltage; typical values


Similar Part No. - PBSS5240X_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS5240X NEXPERIA-PBSS5240X Datasheet
687Kb / 12P
   40 V, 2 A PNP low VCEsat (BISS) transistor
More results

Similar Description - PBSS5240X_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5240Z PHILIPS-PBSS5240Z_15 Datasheet
233Kb / 14P
   40 V, 2 A PNP low VCEsat (BISS) transistor
15 October 2014
logo
Nexperia B.V. All right...
PBSS5240Z NEXPERIA-PBSS5240Z Datasheet
717Kb / 14P
   40 V, 2 A PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS5240T PHILIPS-PBSS5240T Datasheet
76Kb / 9P
   40 V, 2 A PNP low VCEsat (BISS) transistor
2004 Jan 15
PBSS5240T PHILIPS-PBSS5240T_15 Datasheet
305Kb / 9P
   PNP low VCEsat (BISS) transistor 40 V, 2 A
2004 Jan 15
logo
Nexperia B.V. All right...
PBSS5240X NEXPERIA-PBSS5240X Datasheet
687Kb / 12P
   40 V, 2 A PNP low VCEsat (BISS) transistor
PBSS5440D NEXPERIA-PBSS5440D Datasheet
311Kb / 14P
   40 V PNP low VCEsat (BISS) transistor
Rev. 02 - 14 December 2009
logo
NXP Semiconductors
PBSS5440D PHILIPS-PBSS5440D_15 Datasheet
197Kb / 13P
   40 V PNP low VCEsat (BISS) transistor
Rev. 02-14 December 2009
PBSS5140T PHILIPS-PBSS5140T_15 Datasheet
106Kb / 13P
   40 V, 1 A PNP low VCEsat BISS transistor
Rev. 04-29 July 2008
PBSS5140T NXP-PBSS5140T Datasheet
106Kb / 13P
   40 V, 1 A PNP low VCEsat BISS transistor
Rev. 04-29 July 2008
PBSS5540X PHILIPS-PBSS5540X Datasheet
100Kb / 13P
   40 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com