Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS5240V Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PBSS5240V
Description  40 V low VCEsat PNP transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS5240V Datasheet(HTML) 2 Page - NXP Semiconductors

  PBSS5240V_15 Datasheet HTML 1Page - NXP Semiconductors PBSS5240V_15 Datasheet HTML 2Page - NXP Semiconductors PBSS5240V_15 Datasheet HTML 3Page - NXP Semiconductors PBSS5240V_15 Datasheet HTML 4Page - NXP Semiconductors PBSS5240V_15 Datasheet HTML 5Page - NXP Semiconductors PBSS5240V_15 Datasheet HTML 6Page - NXP Semiconductors PBSS5240V_15 Datasheet HTML 7Page - NXP Semiconductors PBSS5240V_15 Datasheet HTML 8Page - NXP Semiconductors PBSS5240V_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2003 Jan 30
2
NXP Semiconductors
Product data sheet
40 V low VCEsat PNP transistor
PBSS5240V
FEATURES
• Low collector-emitter saturation voltage V
CEsat
• High collector current capability I
C and ICM
• High collector current gain (h
FE) at high IC
• High efficiency leading to reduced heat generation
• Reduced printed-circuit board area requirements.
APPLICATIONS
• Power management:
– DC-DC converter
– Supply line switching
– Battery charger
– LCD back lighting.
• Peripheral driver:
– Driver in low supply voltage applications (e.g. lamps,
LEDs)
– Inductive load drivers (e.g. relay, buzzers and
motors).
DESCRIPTION
PNP transistor providing low VCEsat and high current
capability in a SOT666 plastic package.
NPN complement: PBSS4240V.
PINNING
PIN
DESCRIPTION
1
collector
2
collector
3
base
4
emitter
5
collector
6
collector
handbook, halfpage
12
3
4
6
5
Top view
3
1, 2, 5, 6
4
MAM446
Fig.1 Simplified outline (SOT666) and symbol.
MARKING
TYPE NUMBER
MARKING CODE
PBSS5240V
52
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MAX.
UNIT
VCEO
collector-emitter voltage
−40
V
IC
collector current (DC)
−1.8
A
ICRP
peak collector current
−2
A
RCEsat
equivalent on-resistance
<250
m
Ω


Similar Part No. - PBSS5240V_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
PBSS5240V KEXIN-PBSS5240V_15 Datasheet
1Mb / 5P
   PNP Transistors
More results

Similar Description - PBSS5240V_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5140T PHILIPS-PBSS5140T Datasheet
68Kb / 9P
   40 V low VCEsat PNP transistor
2004 Jan 07
PBSS5240Y PHILIPS-PBSS5240Y_15 Datasheet
125Kb / 7P
   40 V low VCEsat PNP transistor
2002 Feb 28
logo
Nexperia B.V. All right...
PBSS5140V NEXPERIA-PBSS5140V Datasheet
466Kb / 8P
   40 V low VCEsat PNP transistor
2002 Mar 20
logo
NXP Semiconductors
PBSS3540F PHILIPS-PBSS3540F Datasheet
62Kb / 8P
   40 V low VCEsat PNP transistor
2001 Jul 13
PBSS5240V NXP-PBSS5240V Datasheet
368Kb / 9P
   40 V low VCEsat PNP transistor
2003 Jan 30
PBSS5240Y NXP-PBSS5240Y Datasheet
125Kb / 7P
   40 V low VCEsat PNP transistor
2002 Feb 28
PBSS5240V PHILIPS-PBSS5240V Datasheet
82Kb / 12P
   40 V low VCEsat PNP transistor
2003 Jan 30
logo
Nexperia B.V. All right...
PBSS5240Y NEXPERIA-PBSS5240Y Datasheet
324Kb / 8P
   40 V low VCEsat PNP transistor
2002 Feb 28
PBSS5540Z-Q NEXPERIA-PBSS5540Z-Q Datasheet
222Kb / 10P
   40 V low VCEsat PNP transistor
30 November 2021
logo
NXP Semiconductors
PBSS5140D PHILIPS-PBSS5140D Datasheet
61Kb / 8P
   40 V low VCEsat PNP transistor
2001 Nov 15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com