Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH6538 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CPH6538
Description  Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Dual CPH6
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH6538 Datasheet(HTML) 4 Page - ON Semiconductor

  CPH6538 Datasheet HTML 1Page - ON Semiconductor CPH6538 Datasheet HTML 2Page - ON Semiconductor CPH6538 Datasheet HTML 3Page - ON Semiconductor CPH6538 Datasheet HTML 4Page - ON Semiconductor CPH6538 Datasheet HTML 5Page - ON Semiconductor CPH6538 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CPH6538
No. A1757-4/6
Embossed Taping Specification
CPH6538-TL-H


Similar Part No. - CPH6538

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6538 SANYO-CPH6538 Datasheet
336Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
More results

Similar Description - CPH6538

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH6539 ONSEMI-CPH6539 Datasheet
556Kb / 6P
   Bipolar Transistor 30V, 1.5A, Low VCE(sat) NPN Dual CPH6
August, 2013
30C02MH ONSEMI-30C02MH Datasheet
369Kb / 6P
   Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Single MCPH3
August, 2013
CPH6122 ONSEMI-CPH6122 Datasheet
530Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
30A02MH ONSEMI-30A02MH Datasheet
369Kb / 6P
   Bipolar Transistor -30V, -0.7A, Low VCE(sat) PNP Single MCPH3
August, 2013
CPH6531 ONSEMI-CPH6531 Datasheet
529Kb / 6P
   Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Dual CPH6
August, 2013
2SC3332S ONSEMI-2SC3332S Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SD1618 ONSEMI-2SD1618 Datasheet
272Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat), NPN Single PCP
September, 2013
15C01C ONSEMI-15C01C Datasheet
308Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single CP
August, 2013
MCH6534 ONSEMI-MCH6534 Datasheet
524Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCPH6
August, 2013
2SC3332T ONSEMI-2SC3332T Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com