Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH6121 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CPH6121
Description  Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH6
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH6121 Datasheet(HTML) 3 Page - ON Semiconductor

  CPH6121 Datasheet HTML 1Page - ON Semiconductor CPH6121 Datasheet HTML 2Page - ON Semiconductor CPH6121 Datasheet HTML 3Page - ON Semiconductor CPH6121 Datasheet HTML 4Page - ON Semiconductor CPH6121 Datasheet HTML 5Page - ON Semiconductor CPH6121 Datasheet HTML 6Page - ON Semiconductor CPH6121 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CPH6121
No.7260-3/7
Collector Current, IC -- A
IT04546
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V IT04543
0
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
--4.0
--4.5
--5.0
--200
--160
--140
--120
--100
--80
--60
--40
--20
--180
0
0
--0.1
--0.2
--0.3
--0.4
--0.5
--0.6
--0.7
--0.8
--0.9
--1.0
--2.0
--1.6
--1.4
--1.2
--1.0
--0.8
--0.6
--0.4
--0.2
--1.8
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V IT04544
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
IT04545
0
--3.0
--2.5
--2.0
--1.5
--1.0
--0.5
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
hFE -- IC
VCE= --2V
100
0.01
2
3
5
7
2
3
5
7
1000
--0.01
23
5 7 --0.1
23
5
7 --1.0
--10
23
5
7
VCE= --2V
Ta=75
°C
--25
°C
25
°C
--0.8mA
--0.7mA
--0.6mA
--0.5mA
--0.4mA
--0.3mA
--0.2mA
--0.1mA
IB=0mA
--2mA
--4mA
--6mA
--8mA
--10mA
--12mA
IB=0mA
--0.01
--0.1
--1.0
23
5
7
2
3
5
7
2
3
5
--10
--100
VCE(sat) -- IC
--1.0
--10
--100
--0.01
--0.1
23
5
7
--1.0
23
5
7
--10
23
5
7
3
5
2
7
2
3
5
7
5
3
2
VCE(sat) -- IC
IT04549
IT04547
--0.01
10
--0.1
--1.0
23
57
23
5
7
2
3
5
1000
100
7
5
3
2
7
5
3
2
fT -- IC
VCE= --2V
IC / IB=20
2
3
5
7
2
3
5
IC / IB=50
25
°C
--25
°C
25
°C
Ta
=75
°C
--25
°C
IT04550
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
10
7
5
3
2
100
--1.0
--10
23
5
7
2
3
IT04548
Cob -- VCB
f=1MHz
Collector-to-Base Voltage, VCB -- V


Similar Part No. - CPH6121

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6121 SANYO-CPH6121 Datasheet
53Kb / 4P
   DC / DC Converter Applications
More results

Similar Description - CPH6121

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH6122 ONSEMI-CPH6122 Datasheet
530Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
CPH6123-TL-E ONSEMI-CPH6123-TL-E Datasheet
602Kb / 8P
   Bipolar Transistor (.)50V, (.)3A, Low VCE(sat), (PNP)NPN Single CPH6
September, 2013
MCH3106 ONSEMI-MCH3106 Datasheet
372Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH3
September, 2013
MCH6121 ONSEMI-MCH6121 Datasheet
520Kb / 6P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
CPH3106 ONSEMI-CPH3106 Datasheet
587Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH6102 ONSEMI-CPH6102 Datasheet
283Kb / 4P
   Bipolar Transisitor -50V, -1A, Low VCE(sat) PNP Single CPH6
November, 2013
CPH6531 ONSEMI-CPH6531 Datasheet
529Kb / 6P
   Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Dual CPH6
August, 2013
12A02CH ONSEMI-12A02CH Datasheet
583Kb / 6P
   Bipolar Transistor -12V, -1A, Low VCE(sat) PNP Single CPH3
August, 2013
MCH6122 ONSEMI-MCH6122 Datasheet
519Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
2SA2112 ONSEMI-2SA2112 Datasheet
576Kb / 7P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single NMP
September, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com