Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTAN2111-11A Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTAN2111-11A
Description  Marktech 1.20 5x7 Dot Matrix
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTAN2111-11A Datasheet(HTML) 1 Page - Marktech Corporate

  MTAN2111-11A Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
449
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
1.2" 5x7 Dot Ma
1.2" 5x7 Dot Ma
1.2" 5x7 Dot Ma
1.2" 5x7 Dot Ma
1.2" 5x7 Dot Matrix Displa
trix Displa
trix Displa
trix Displa
trix Displayyyyy
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
· 1.2" 5x7 dot matrix
· Additional colors/materials available
PINOUT 1
PINOUT 2
COLUMN ANODE
COLUMN CATHODE
PIN NO. FUNCTION
PIN NO.
FUNCTION
1.
CATHODE ROW 5
1.
ANODE ROW 5
2.
CATHODE ROW 7
2.
ANODE ROW 7
3.
ANODE COLUMN 2
3.
CATHODE COLUMN 2
4.
ANODE COLUMN 3
4.
CATHODE COLUMN 3
5.
CATHODE ROW 4
5.
ANODE ROW 4
6.
ANODE COLUMN 5
6.
CATHODE COLUMN 5
7.
CATHODE ROW 6
7.
ANODE ROW 6
8.
CATHODE ROW 3
8.
ANODE ROW 3
9.
CATHODE ROW 1
9.
ANODE ROW 1
10.
ANODE COLUMN 4
10.
CATHODE COLUMN 4
11.
ANODE COLUMN 3
11.
CATHODE COLUMN 3
12.
CATHODE ROW 4
12.
ANODE ROW 4
13.
ANODE COLUMN 1
13.
CATHODE COLUMN 1
14.
CATHODE ROW 2
14.
ANODE ROW 2
1. ALL DIMENSIONS ARE IN mm, TOLERANCE IS ±0.25mm UNLESS OTHERWISE SPECIFIED.
2. THE SLOPE ANGLE OF ANY PIN MAY BE ±5.0° MAX.
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
P
PP
P
PA
A
A
A
ACKA
CKA
CKA
CKA
CKAGE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
PART NO.
PEAK
WAVE
LENGTH
(nm)
EMITTED
COLOR
FACE COLORS
MAXIMUM RATINGS
OPTO-ELECTRICAL CHARACTERISTICS
PIN-
OUT
SURFACE
COLOR
EPOXY
COLOR
IF
(mA)
VR
(V)
PD
(mW)
VF(V)
IR(µA)
IV(µcd)
typ.
max.
@mA
max.
@VR
typ. per
dot
@mA
MTAN2111-11A
567
Green
Black
White
30
5
85
2.1
3.0
20
100
5
4000
10
1
MTAN4111-11A
635
Orange
Grey
White
30
5
85
2.1
3.0
20
100
5
4600
10
1
MTAN4111R-11A
635
Hi-Eff Red
Red
Red
30
5
85
2.1
3.0
20
100
5
4600
10
1
MTAN7111M-11A
660
Ultra Red
Grey
White
30
4
70
1.7
2.2
20
100
4
24200
20
1
MTAN2111-21C
567
Green
Black
White
30
5
85
2.1
3.0
20
100
5
4000
10
2
MTAN4111-21C
635
Orange
Grey
White
30
5
85
2.1
3.0
20
100
5
4600
10
2
MTAN4111R-21C
635
Hi-Eff Red
Red
Red
30
5
85
2.1
3.0
20
100
5
4600
10
2
MTAN7111M-21C
660
Ultra Red
Grey
White
30
4
70
1.7
2.2
20
100
4
24200
20
2
Operating Temperature: -25~+85, Storage Temperature: -25~+100. Other face/epoxy colors are available.


Similar Part No. - MTAN2111-11A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTAN2115-11A MARKTECH-MTAN2115-11A Datasheet
47Kb / 1P
   Marktech 1.50 8x8 Dot Matrix
MTAN2115-21C MARKTECH-MTAN2115-21C Datasheet
47Kb / 1P
   Marktech 1.50 8x8 Dot Matrix
More results

Similar Description - MTAN2111-11A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTAN6311-AHRG MARKTECH-MTAN6311-AHRG Datasheet
51Kb / 1P
   Marktech 1.20 5x7 Bi−Color Dot Matrix
MTAN2120-AG MARKTECH-MTAN2120-AG Datasheet
45Kb / 1P
   Marktech 2.00 5x7 Dot Matrix
MTAN2140-12A MARKTECH-MTAN2140-12A Datasheet
45Kb / 1P
   Marktech 4.00 5x7 Dot Matrix
MTAN2170-12A MARKTECH-MTAN2170-12A Datasheet
42Kb / 1P
   Marktech 0.68 5x7 Dot Matrix
MTAN2135-AG MARKTECH-MTAN2135-AG Datasheet
44Kb / 1P
   Marktech 0.30 5x7 Dot Matrix
MTAN6313-AHRG MARKTECH-MTAN6313-AHRG Datasheet
57Kb / 1P
   Marktech 1.20 8x8 Bi−Color Dot Matrix
MTAN6370-AHRG MARKTECH-MTAN6370-AHRG Datasheet
40Kb / 1P
   Marktech 0.68 5x7 Bi−Color Dot Matrix
MTAN6340-AHRG MARKTECH-MTAN6340-AHRG Datasheet
53Kb / 1P
   Marktech 4.00 5x7 Bi−Color Dot Matrix
logo
List of Unclassifed Man...
GMC12IB75 ETC2-GMC12IB75 Datasheet
285Kb / 7P
    5x7 Dot Matrix
logo
LightKey Optoelectronic...
LM12157CDRG LIGHTKEY-LM12157CDRG Datasheet
245Kb / 3P
   LM12157C/D Series ??1.20 inch 5x7 Dot Matrix LED Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com