Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS4360Z Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PBSS4360Z
Description  60 V, 3 A NPN low VCEsat (BISS) transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4360Z Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PBSS4360Z_15 Datasheet HTML 5Page - NXP Semiconductors PBSS4360Z_15 Datasheet HTML 6Page - NXP Semiconductors PBSS4360Z_15 Datasheet HTML 7Page - NXP Semiconductors PBSS4360Z_15 Datasheet HTML 8Page - NXP Semiconductors PBSS4360Z_15 Datasheet HTML 9Page - NXP Semiconductors PBSS4360Z_15 Datasheet HTML 10Page - NXP Semiconductors PBSS4360Z_15 Datasheet HTML 11Page - NXP Semiconductors PBSS4360Z_15 Datasheet HTML 12Page - NXP Semiconductors PBSS4360Z_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NXP Semiconductors
PBSS4360Z
60 V, 3 A NPN low VCEsat (BISS) transistor
PBSS4360Z
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2014. All rights reserved
Product data sheet
26 February 2014
9 / 14
11. Test information
11.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
12. Package outline
04-11-10
Dimensions in mm
6.7
6.3
3.1
2.9
1.8
1.5
7.3
6.7
3.7
3.3
1.1
0.7
1
3
2
4
4.6
2.3
0.8
0.6
0.32
0.22
Fig. 11. Package outline SC-73 (SOT223)


Similar Part No. - PBSS4360Z_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4360Z NEXPERIA-PBSS4360Z Datasheet
717Kb / 14P
   60 V, 3 A NPN low VCEsat (BISS) transistor
More results

Similar Description - PBSS4360Z_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS303ND NEXPERIA-PBSS303ND Datasheet
279Kb / 17P
   60 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02 - 14 December 2007
PBSS4360X NEXPERIA-PBSS4360X Datasheet
254Kb / 13P
   60 V, 3 A NPN low VCEsat BISS transistor
PBSS4360PAS NEXPERIA-PBSS4360PAS Datasheet
382Kb / 19P
   60 V, 3 A NPN low VCEsat (BISS) transistor
PBSS4360Z NEXPERIA-PBSS4360Z Datasheet
717Kb / 14P
   60 V, 3 A NPN low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS4160T PHILIPS-PBSS4160T Datasheet
111Kb / 10P
   60 V, 1 A NPN low VCEsat (BISS) transistor
2004 May 12
PBSS4160V PHILIPS-PBSS4160V_15 Datasheet
166Kb / 14P
   60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03-11 December 2009
PBSS4041NT PHILIPS-PBSS4041NT_15 Datasheet
189Kb / 14P
   60 V, 3.8 A NPN low VCEsat (BISS) transistor
Rev. 01-31 January 2010
PBSS4041NX PHILIPS-PBSS4041NX_15 Datasheet
254Kb / 14P
   60 V, 6.2 A NPN low VCEsat (BISS) transistor
11 December 2012
PBSS4160V NXP-PBSS4160V Datasheet
166Kb / 14P
   60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03-11 December 2009
PBSS4260QA NXP-PBSS4260QA Datasheet
252Kb / 17P
   60 V, 2 A NPN low VCEsat (BISS) transistor
28 August 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com