Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH5505 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CPH5505
Description  Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Dual CPH5
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH5505 Datasheet(HTML) 2 Page - ON Semiconductor

  CPH5505 Datasheet HTML 1Page - ON Semiconductor CPH5505 Datasheet HTML 2Page - ON Semiconductor CPH5505 Datasheet HTML 3Page - ON Semiconductor CPH5505 Datasheet HTML 4Page - ON Semiconductor CPH5505 Datasheet HTML 5Page - ON Semiconductor CPH5505 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CPH5505
No.6479-2/6
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB= --30V, IE=0A
--0.1
μA
Emitter Cutoff Current
IEBO
VEB= --4V, IC=0A
--0.1
μA
DC Current Gain
hFE
VCE= --2V, IC= --500mA
200
560
Gain-Bandwidth Product
fT
VCE= --10V, IC= --500mA
380
MHz
Output Capacitance
Cob
VCB= --10V, f=1MHz
25
pF
Collector to Emitter Saturation Voltage
VCE(sat)1
IC= --1.5A, IB= --30mA
--155
--230
mV
VCE(sat)2
IC= --1.5A, IB= --75mA
--105
--155
mV
Base to Emitter Saturation Voltage
VBE(sat)
IC= --1.5A, IB= --30mA
--0.83
--1.2
V
Collector to Base Breakdown Voltage
V(BR)CBO
IC= --10μA, IE=0A
--30
V
Collector to Emitter Breakdown Voltage
V(BR)CEO
IC= --1mA, RBE=∞
--30
V
Emitter to Base Breakdown Voltage
V(BR)EBO
IE= --10μA, IC=0A
--5
V
Turn-ON Time
ton
See specified Test Circuit.
50
ns
Storage Time
tstg
270
ns
Turn-OFF Time
tf
25
ns
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
CPH5505-TL-E
CPH5
3,000pcs./reel
Pb Free
++
50
Ω
INPUT
VR
RB
24
Ω
–12V
100
μF
470
μF
5V
PW=20
μs
IB1
IB2
D.C.
≤1%
IC=20IB1= –20IB2= –500mA


Similar Part No. - CPH5505

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH5505 SANYO-CPH5505 Datasheet
41Kb / 4P
   DC/DC Converter Applications
More results

Similar Description - CPH5505

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH5518 ONSEMI-CPH5518 Datasheet
403Kb / 8P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) Complementary Dual CPH5
September, 2013
CPH5506 ONSEMI-CPH5506 Datasheet
766Kb / 6P
   Bipolar Transistor (-)30V, (-)5A, Low VCE(sat) Complementary Dual CPH5
March, 2014
CPH6122 ONSEMI-CPH6122 Datasheet
530Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
MCH6122 ONSEMI-MCH6122 Datasheet
519Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
MCH6541 ONSEMI-MCH6541 Datasheet
578Kb / 8P
   Bipolar Transistor (-)30V, (-)3A, Low VCE(sat) Complementary Dual MCPH6
September, 2013
MCH3109 ONSEMI-MCH3109 Datasheet
408Kb / 7P
   Bipolar Transistor (-)30V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
CPH5520 ONSEMI-CPH5520 Datasheet
349Kb / 8P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat) Complementary Dual CPH5
September, 2013
MCH3106 ONSEMI-MCH3106 Datasheet
372Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH3
September, 2013
MCH6121 ONSEMI-MCH6121 Datasheet
520Kb / 6P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
CPH6121 ONSEMI-CPH6121 Datasheet
535Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com