Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH3212 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CPH3212
Description  Bipolar Transistor 50V, 5A, Low VCE(sat), NPN Single CPH3
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH3212 Datasheet(HTML) 5 Page - ON Semiconductor

  CPH3212 Datasheet HTML 1Page - ON Semiconductor CPH3212 Datasheet HTML 2Page - ON Semiconductor CPH3212 Datasheet HTML 3Page - ON Semiconductor CPH3212 Datasheet HTML 4Page - ON Semiconductor CPH3212 Datasheet HTML 5Page - ON Semiconductor CPH3212 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Outline Drawing
Land Pattern Example
CPH3212-TL-E
Mass (g) Unit
0.013
* For reference mm
Unit: mm
0.6
0.95
0.95
CPH3212
No.6147-5/6


Similar Part No. - CPH3212

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3212 SANYO-CPH3212 Datasheet
54Kb / 5P
   DC/DC Converter Applications
More results

Similar Description - CPH3212

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
50C02CH-TL-E ONSEMI-50C02CH-TL-E Datasheet
591Kb / 7P
   Bipolar Transistor 50V, 0.5A, Low VCE(sat) NPN Single CPH3
August, 2013
CPH3116 ONSEMI-CPH3116 Datasheet
631Kb / 7P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
50A02CH ONSEMI-50A02CH Datasheet
589Kb / 7P
   Bipolar Transistor ??0V, ??.5A, Low VCE(sat) PNP Single CPH3
August, 2013
15C02CH ONSEMI-15C02CH Datasheet
581Kb / 6P
   Bipolar Transistor 15V, 1A, Low VCE(sat) NPN Single CPH3
August, 2013
logo
Unisonic Technologies
USS4450 UTC-USS4450 Datasheet
219Kb / 4P
   50V, 5A NPN LOW VCE(SAT) TRANSISTOR
USS4350 UTC-USS4350 Datasheet
135Kb / 3P
   50V, 5A NPN LOW VCE(SAT) TRANSISTOR
logo
ON Semiconductor
CPH3115 ONSEMI-CPH3115 Datasheet
634Kb / 7P
   Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
12A02CH ONSEMI-12A02CH Datasheet
583Kb / 6P
   Bipolar Transistor -12V, -1A, Low VCE(sat) PNP Single CPH3
August, 2013
2SB1203 ONSEMI-2SB1203_13 Datasheet
389Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SD1803T ONSEMI-2SD1803T Datasheet
389Kb / 10P
   Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com