Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN6405F Datasheet(PDF) 7 Page - ON Semiconductor

Part # EN6405F
Description  Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single CPH3
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN6405F Datasheet(HTML) 7 Page - ON Semiconductor

  EN6405F Datasheet HTML 1Page - ON Semiconductor EN6405F Datasheet HTML 2Page - ON Semiconductor EN6405F Datasheet HTML 3Page - ON Semiconductor EN6405F Datasheet HTML 4Page - ON Semiconductor EN6405F Datasheet HTML 5Page - ON Semiconductor EN6405F Datasheet HTML 6Page - ON Semiconductor EN6405F Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CPH3116/CPH3216
PS No.6405-7/7
ON Semiconductor and the ON logo are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number
of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at
www.onsemi.com/site/pdf/Patent-Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no
warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the
application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual
performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical
experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use
as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in
which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for
any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors
harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or
death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the
part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.


Similar Part No. - EN6405F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EN6445C SANYO-EN6445C Datasheet
488Kb / 7P
   General-Purpose Switching Device Applications
EN6446C SANYO-EN6446C Datasheet
491Kb / 7P
   General-Purpose Switching Device Applications
EN6458C SANYO-EN6458C Datasheet
494Kb / 7P
   General-Purpose Switching Device Applications
EN6460C SANYO-EN6460C Datasheet
487Kb / 7P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
EN6473 ONSEMI-EN6473 Datasheet
355Kb / 35P
   General-Purpose LCD Display Driver
July, 2013
More results

Similar Description - EN6405F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
12A02CH ONSEMI-12A02CH Datasheet
583Kb / 6P
   Bipolar Transistor -12V, -1A, Low VCE(sat) PNP Single CPH3
August, 2013
15C02CH ONSEMI-15C02CH Datasheet
581Kb / 6P
   Bipolar Transistor 15V, 1A, Low VCE(sat) NPN Single CPH3
August, 2013
50C02CH-TL-E ONSEMI-50C02CH-TL-E Datasheet
591Kb / 7P
   Bipolar Transistor 50V, 0.5A, Low VCE(sat) NPN Single CPH3
August, 2013
CPH3212 ONSEMI-CPH3212 Datasheet
582Kb / 6P
   Bipolar Transistor 50V, 5A, Low VCE(sat), NPN Single CPH3
September, 2013
MCH6103 ONSEMI-MCH6103 Datasheet
562Kb / 8P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single MCPH6
September, 2013
2SB1122 ONSEMI-2SB1122 Datasheet
81Kb / 4P
   Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Single PCP
December, 2013
CPH3115 ONSEMI-CPH3115 Datasheet
634Kb / 7P
   Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
CPH3106 ONSEMI-CPH3106 Datasheet
587Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3107 ONSEMI-CPH3107 Datasheet
581Kb / 6P
   Bipolar Transistor -15V, -6A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3144 ONSEMI-CPH3144 Datasheet
579Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
September, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com