Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP6229 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6229
Description  Output to Input Disconnect at Shutdown Mode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6229 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6229 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6229 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6229 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6229 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6229 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6229 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Preliminary Datasheet
LP6229
LP6229 –00 Version 1.0 Datasheet
Jul.-2013
www.lowpowersemi.com - -
Page 2 of 6
Functional Pin Description
PIN
PIN Name
Description
1
VIN
Power Supply pin.
2
GND
Ground.
3
NC
No Connecter.
4
SW/LX
Output switching node. SW is the drain of the internal low-side
N-Channel MOSFET and high-side P-Channel MOSFET. Connect the
inductor to SW to Complete the step-up converter.
5
EN
Regulator On/off Control Input. A logic high input(VEN>1.4V) turns on
the regulator. A logic low input(VEN<0.4V) puts the LP6229 into low
current shutdown mode.
6
FB
Regulation Feedback Input. Connect to an external resistive voltage
divider from the output to FB to set the output voltage.
Function Block Diagram
LP6229


Similar Part No. - LP6229

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6220A POWER-LP6220A Datasheet
361Kb / 8P
   600mA LNB Power Supply & Control Voltage Regulator
LP6221A POWER-LP6221A Datasheet
439Kb / 7P
   High Efficiency 10A Boost DC/DC Convertor
LP6222 POWER-LP6222 Datasheet
651Kb / 9P
   High Efficiency Boost DC/DC Convertor
LP6222B6F POWER-LP6222B6F Datasheet
651Kb / 9P
   High Efficiency Boost DC/DC Convertor
LP6222SPF POWER-LP6222SPF Datasheet
651Kb / 9P
   High Efficiency Boost DC/DC Convertor
More results

Similar Description - LP6229

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6218S POWER-LP6218S Datasheet
306Kb / 6P
   Output to Input Disconnect at Shutdown Mode
LP6252 POWER-LP6252 Datasheet
460Kb / 8P
   Output to Input Disconnect at Shutdown Mode
LP6212 POWER-LP6212 Datasheet
621Kb / 6P
   Output to Input Disconnect at Shutdown Mode
LP6270 POWER-LP6270 Datasheet
245Kb / 6P
   Output to Input Disconnect at Shutdown Mode
LP6206 POWER-LP6206 Datasheet
369Kb / 7P
   Output to Input Disconnect at Shutdown Mode
LP6223 POWER-LP6223 Datasheet
307Kb / 6P
   Output to Input Disconnect at Shutdown Mode
LP6253 POWER-LP6253 Datasheet
844Kb / 11P
   Output to Input Disconnect at Shutdown Mode
logo
Pepperl+Fuchs Inc.
FB6208B PF-FB6208B Datasheet
615Kb / 3P
   Digital Output with Shutdown Input
LB6017E PF-LB6017E Datasheet
277Kb / 4P
   Digital Output with Shutdown Input
2021-12-01
LB6113ER PF-LB6113ER Datasheet
582Kb / 4P
   Digital Output with Shutdown Input
2022-01-18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com