Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOM-DB5720 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-DB5720
Description  Development Board for COM Express짰 Type 1/2 Pin-out Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-DB5720 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-DB5720_15 Datasheet HTML 1Page - Advantech Co., Ltd. SOM-DB5720_15 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Computer On Modules
Features
SOM-DB5720
Specifications
Compatible Models
Advantech COM Express Basic/Compact/Mini Module with Type 1/2 Pin-out
Switch Position
VGA
1 (D-SUB 15P Female)
LVDS
18/24-bit single or dual channel
Display
SDVO
Up to 2 ports (expand by ADD2 Card through PCIe x16 slot)
HDMI/DP
Up to 2 ports (expand by SOM-EA20 through PCIe x16 slot)
Expansion
PCIe x16
1
PCIe x4
1
PCIe x1
4 (expand by SOM-EA10 through PCIe x4 slot)
Mini-PCIe
1
Express Card
1
PCI Slot
3
Mini-PCI
1
LPC
1
SMBus
1
I2C
1
SPI
1
I/O
Ethernet
1 Giga LAN
SATA
4 (Type B)
IDE
1
CF
1
USB2.0
8 ports (include 1 client port)
Audio
Line-in, Line-out, MIC, SPDIF (Realtek ALC892)
Serial
2 COM ports
RS-232 (D-SUB 9P on I/O bracket), RS-232/422/485 (Box header 5x2P on board)
KB/MS
1
LPT
1 (D-SUB 25P)
GPIO
8
Fan
2
Port 80
1
TPM
1
Power
Power Type
ATX/AT modes
Environment
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Humidity
Operating: 40° C @ 95% relative humidity, non-condensing
Storage: 60° C @ 95%relative humidity, non-condensing
Mechanical
Dimensions
304.8 x 244 mm (12" x 9.6")
Development Board for COM Express®
Type 1/2 Pin-out Modules
ƒ PICMG COM.0 R2.1 Type 1/2 Pin out
ƒ COM Express® Basic/ Compact/ Mini module
ƒ Display Type: VGA, LVDS, HDMI/Display port
ƒ Extension: PCIe x16, x4, x1, Mini-PCIe, Express Card, PCI, Mini-PCI, LPC,
SMBus, I2C
ƒ Visible Debug Utility: BIOS 80 Port and Power State
NEW
All product specifications are subject to change without notice
Last updated : 15-Jan-2014


Similar Part No. - SOM-DB5720_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-DB5720-00A1E ADVANTECH-SOM-DB5720-00A1E Datasheet
1Mb / 2P
   Development Board for COM Express Type 1/2 Pin-out Modules
SOM-DB5720-00A1E ADVANTECH-SOM-DB5720-00A1E Datasheet
672Kb / 2P
   Computer On Modules
SOM-DB5720-U0A1E ADVANTECH-SOM-DB5720-U0A1E Datasheet
1Mb / 2P
   Development Board for COM Express Type 1/2 Pin-out Modules
SOM-DB5720-U0A1E ADVANTECH-SOM-DB5720-U0A1E Datasheet
557Kb / 2P
   Intel Atom Processor N455 COM Express Mini Module
More results

Similar Description - SOM-DB5720_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-DB5800 ADVANTECH-SOM-DB5800_15 Datasheet
302Kb / 2P
   Development Board for COM Express짰 Type 6/10 Pin-out Modules
SOM-DB5720 ADVANTECH-SOM-DB5720 Datasheet
1Mb / 2P
   Development Board for COM Express Type 1/2 Pin-out Modules
SOM-DB5920 ADVANTECH-SOM-DB5920 Datasheet
620Kb / 2P
   Development Board for COM Express Type 7 Pin-out Modules
SOM-DB5800 ADVANTECH-SOM-DB5800 Datasheet
1Mb / 2P
   Development Board for COM Express Type 6 Pin-out Modules
SOM-DB5700 ADVANTECH-SOM-DB5700_12 Datasheet
1Mb / 2P
   Development Board for COM Express Type 1/2 Pin-out Module
SOM-DB5900 ADVANTECH-SOM-DB5900 Datasheet
474Kb / 2P
   Development Board for COM Express Type 6 Pin-out Modules
SOM-DB5700 ADVANTECH-SOM-DB5700_12 Datasheet
1Mb / 2P
   Development Board for COM Express Type 1/2 Pin-out Module
SOM-DB5830 ADVANTECH-SOM-DB5830 Datasheet
1Mb / 3P
   Development Board for COM Express® Type 6/10 Pin-Out Modules
8-Sep-2021
SOM-DH3000 ADVANTECH-SOM-DH3000 Datasheet
310Kb / 2P
   Development Board for COM-HPC Client Pinout Modules
7-Jun-2022
SOM-DH5000 ADVANTECH-SOM-DH5000 Datasheet
305Kb / 2P
   Development Board for COM-HPC Server Pinout Modules
26-May-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com