Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOM-5894C5Z2-S6A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-5894C5Z2-S6A1E
Description  4th Gen. Intel짰 Core??Processor COM Express짰 Basic Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-5894C5Z2-S6A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-5894C5Z2-S6A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-5894C5Z2-S6A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Computer On Modules
Features
4th Gen. Intel® Core™ Processor
COM Express® Basic Module
SOM-5894
ƒ 4th Generation Intel® Core™ Processors H-series + QM87
ƒ Dual DDR3L-1333/1600 SODIMM sockets up to 16 GB
ƒ Triple displays with outstanding graphics performance
ƒ Multiple high speed interface, SATA III, USB3.0 and PCIe Gen3
ƒ Supports iManager, SUSIAccess and embedded software APIs
Brightness
Control
Watchdog
GPIO
H/W Monitor
I2C
SMBus
Software APIs:
Specifications
Form Factor
Form Factor
COM Express Basic Module
Pin-out Type
COM Express R2.1 Type 6
Processor System
CPU
i7-4700EQ
i5-4400E
i5-4402E
i3-4100E
i3-4102E
Celeron 2000E
Celeron 2002E
Base Frequency
2.4 GHz
2.7 GHz
1.6 GHz
2.4 Ghz
1.6 GHz
2.2 GHz
1.5 GHz
Max Single Core Turbo Frequency
3.4 GHz
3.3 GHz
2.7 GHz
2.4 GHz
1.6 GHz
NA
NA
Core/Thread
4/8
2/4
2/4
2/4
2/4
2/2
2/2
LLC
6MB
3MB
3MB
3MB
3MB
2MB
2MB
CPU TDP
47W
37W
25W
37W
25W
37W
25W
Chipset
QM87
BIOS
AMI EFI 128Mbit
Memory
Technology
DDR3L, 1.35V, 1333/1600 MHz
ECC Support
A1: non-ECC, B1: ECC
Max. Capacity
16 GB
Socket
Dual 204P SODIMM
Graphics
Controller
Intel HD Graphics 4600
Max. Frequency
1 GHz
900 MHz
900 MHz
900 MHz
900 MHz
900 MHz
900 MHz
Graphic Memory
Intel DVMT 5.0 support up to 1024MB video memory
3D/HW Acceleration
Gen 8, DX11.1, OpenGL 4.0, OpenCL 1.2 and AVC/VC-1, H.264, MPEG4 HW Encoder/Decoder
Display
VGA
1920 x 1200
LCD
Single and dual channel 18/24-bit LVDS, up to 1920 x 1200, optional eDP 2 lanes up to 1920 x 1200
DDI
3 DDI Ports support configurable HDMI/DVI/DisplayPort
Dual Display
Combinations of HDMI/DVI/DisplayPort/VGA/LVDS
Triple Display
Combinations of HDMI/DVI/DisplayPort/VGA/LVDS (Except 3 HDMI/DVI)
Expansion
PCI Express x16
1 Port supports PCI Express Gen3 8.0GT/s
PCI Express x1
7 Ports support PCI Express Gen 2 5.0GT/s
Audio Interface
HD Audio
LPC
Yes
Serial Bus
SMBus
Yes
I2C Bus
Yes
Ethernet
Controller
Intel i217
Speed
10/100/1000 Mbps
I/O
SATA
4 ports support SATA III 6.0Gb/s
RAID
RAID 0/1/5/10
USB3.0
4 Ports
USB2.0
8 Ports
Audio
Intel HD Audio
SPI Bus
Yes
GPIO
8-bit GPIO
Watchdog
65536 level, 0 ~ 65535 sec
COM Port
2 Ports (2-Wire)
Express Card
2 Ports
TPM
Optional
Smart Fan
2 Ports; 1 Port on COM Module. Support 12V Fan, 1 Port on Carrier Board
Power
Type
ATX: Vin, VSB, AT: Vin
Supply Voltage
Vin: 8.5(9-5%)~20V(19+5%), VSB: 5V±5%, RTC Battery: 2.0-3.3V
Power Consumption (Max.)
(8G DDR3L 1600) i7-4700EQ: +12V @ 42.12W
Power Consumption (Idle)
(8G DDR3L 1600) i7-4700EQ: +12V @ 8.52W
Environment
Temperature
Operating: 0 ~ 60° C (32 ~ 140° F)
Storage: -40 ~ 85° C (-40 ~ 185° F)
Humidity
Operating: 40° C @ 95% relative humidity, non-condensing
Storage: 60° C @ 95%relative humidity, non-condensing
Mechanical
Dimensions
125 x 95 mm (4.92" x 3.74")
NEW
All product specifications are subject to change without notice
Last updated : 19-Jun-2014


Similar Part No. - SOM-5894C5Z2-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5894C5Z2-S6A1E ADVANTECH-SOM-5894C5Z2-S6A1E Datasheet
957Kb / 2P
   Dual DDR3L-1333/1600 SODIMM sockets up to 16 GB
More results

Similar Description - SOM-5894C5Z2-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5892 ADVANTECH-SOM-5892_15 Datasheet
649Kb / 2P
   3rd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5890 ADVANTECH-SOM-5890_15 Datasheet
646Kb / 2P
   2nd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5892FG-U1A1E ADVANTECH-SOM-5892FG-U1A1E Datasheet
649Kb / 2P
   3rd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5790 ADVANTECH-SOM-5790_15 Datasheet
768Kb / 2P
   2nd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5788Z-S1A1E ADVANTECH-SOM-5788Z-S1A1E Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5788 ADVANTECH-SOM-5788_15 Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5788Z-U0A1E ADVANTECH-SOM-5788Z-U0A1E Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
SOM-9890 ADVANTECH-SOM-9890_15 Datasheet
622Kb / 2P
   3rd Gen. Intel짰 Core??Socket COM Express짰 Basic Module
logo
DFI Inc
HM960-QM87 DFI-HM960-QM87 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core COM Express Basic
HM920-QM87 DFI-HM920-QM87 Datasheet
826Kb / 2P
   4th Gen Intel Core COM Express Basic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com