Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOM-5893 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-5893
Description  Second generation AMD embedded R-Series APU COM Express짰 Basic Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-5893 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-5893 Datasheet HTML 1Page - Advantech Co., Ltd. SOM-5893 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Computer On Modules
Features
Second generation AMD embedded
R-Series APU COM Express® Basic Module
SOM-5893
ƒ AMD R-Series APU Bald Eagle + A77E
ƒ Dual DDR3L-1600 SODIMM sockets up to 16 GB
ƒ Four Independent Displays with outstanding graphics performance
ƒ Plenty high speed interface, PCIe x16 Gen3, SATA Gen3, USB3.0
ƒ Supports iManager, SUSIAccess and Embedded Software APIs
Brightness
Control
Watchdog
GPIO
H/W Monitor
I2C
SMBus
Software APIs:
Utilities:
Specifications
Form Factor
Form Factor
COM Express Basic Module
Pin-out Type
COM Express R2.1 Type 6
Processor System
CPU
RX-427BB
RX-425BB
RX-225FB
Base Frequency
2.7GHz
2.5GHz
2.2GHz
Max Single Core Turbo Frequency
3.6GHz
3.4GHz
3.0GHz
Core
Quad Core
Quad Core
Dual Core
LLC
4MB
4MB
1MB
CPU TDP
35W
35W
17W
Chipset
A77E
BIOS
AMI UEFI 64Mbit
Memory
Technology
DDR3L 1600MHz
DDR3L 1600MHz
DDR3L 1600MHz
ECC Support
non-ECC
Max. Capacity
Up to 16GB
Socket
Dual Channel 204P SODIMM
Graphics
Controller
AMD Radeon HD9000 GPU
Max. Frequency
686MHz
654MHz
533MHz
Graphic Memory
Up to 1GB frame buffer
3D/HW Acceleration
DX11, OpenGL 4.2, OpenCL 1.2
UVD4.2 (H.264, MPEG-2, VC-1, MPEG-4 (DivX®), and WMV) Decode
VCE2.0 (Videoconferencing, wireless displayy technology1. H.264, SVC) Encode
Display
VGA
Up to 1920 x 1200
LCD
Single and dual channel 18/24-bit LVDS, up to 1920 x 1200
DDI
2 DDI ports support configurable HDMI/DVI/DP, up to 4096x2160. Up to 3 ports configured via PCIe x16
Multiple Display
Up to Quad Displays. Support any combinations of VGA, LVDS and DDI (HDMI with audio only support 1 port)
Expansion
PCI Express x16
1 Port
Quad Core support PCI Express x16 Gen3 (8.0GT/s)
Dual Core support PCI Express x8 Gen2 (5.0GT/s)
PCI Express x1
7 Ports support PCI Express Gen 2 (5.0 GT/s), support x4 and x2 configurations
Up to 8 Ports when remove LAN
Audio Interface
HD Audio
LPC
Yes
Serial Bus
SMBus
Yes
I2C Bus
Support 100Kb/s and 400Kb/s devices. Both master by default, and slave modes are supported optionally
Ethernet
Controller
Intel® i211AT
Speed
10/100/1000 Mbps
I/O
SATA
4 ports support SATA III 6.0Gb/s
USB3.0
4 Ports
USB2.0
8 Ports
Audio
HD Audio
SPI Bus
Yes
GPIO
8-bit GPIO
SD (option)
SDHC Class 10, capacity range 4 to 32 GB, 1 and 4-bit modes
Watchdog
65536 level, 0 ~ 65535 sec
COM Port
2 Ports (2-Wire)
Express Card
2 Ports
TPM
TPM1.2 (Optional)
Smart Fan
2 Ports; 1 Port on COM Module. Support 12V Fan, 1 Port on Carrier Board
Power
Type
ATX: Vin, VSB, AT: Vin
Supply Voltage
Vin: 8.5 (9-5%) ~ 20V (18+10%), VSB: 5V±5%, RTC Battery: 2.0-3.3V
Power Consumption (Max.)
Max 7.1A ; RMS 3.3A
Power Consumption (Idle)
1.4A
Environment
Temperature
Operating: 0 ~ 60° C (32 ~ 140° F), Storage: -40 ~ 85° C (-40 ~ 185° F)
Humidity
Operating: 40° C @ 95% relative humidity, non-condensing
Storage: 60° C @ 95%relative humidity, non-condensing
Mechanical
Dimensions
125 x 95 mm (4.92" x 3.74")
Monitoring
BIOS flash
Embedded
Security ID
NEW
All product specifications are subject to change without notice
Last updated : 6-Jul-2015


Similar Part No. - SOM-5893

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5893RG-U2A1E ADVANTECH-SOM-5893RG-U2A1E Datasheet
927Kb / 2P
   Second generation AMD embedded
SOM-5893RG-U5A1E ADVANTECH-SOM-5893RG-U5A1E Datasheet
927Kb / 2P
   Second generation AMD embedded
SOM-5893RG-U7A1E ADVANTECH-SOM-5893RG-U7A1E Datasheet
927Kb / 2P
   Second generation AMD embedded
SOM-5893 ADVANTECH-SOM-5893_17 Datasheet
927Kb / 2P
   Second generation AMD embedded
More results

Similar Description - SOM-5893

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
EXPRESS-BE ADLINK-EXPRESS-BE Datasheet
261Kb / 4P
   COM Express Basic Size Type 6 Module with AMD Embedded R-Series APU
logo
DFI Inc
CM901-B DFI-CM901-B Datasheet
968Kb / 2P
   AMD Embedded R-Series COM Express Basic
logo
Advantech Co., Ltd.
SOM-5893 ADVANTECH-SOM-5893_17 Datasheet
927Kb / 2P
   Second generation AMD embedded
logo
Axiomtek Co., Ltd.
CEM100 AXIOMTEK-CEM100_17 Datasheet
242Kb / 1P
   COM Express Type 2 Basic Module with AMD G-Series APU and AMD A55E
logo
Adlink Technology Inc.
AMITX-BE-G ADLINK-AMITX-BE-G Datasheet
439Kb / 4P
   Mini-ITX Embedded Board with AMD Embedded R-Series APU
logo
Advantech Co., Ltd.
SOM-5871 ADVANTECH-SOM-5871 Datasheet
972Kb / 2P
   AMD Embedded V-Series V1000 COM Express Basic Module Type 6
SOM-5788Z-S1A1E ADVANTECH-SOM-5788Z-S1A1E Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5788 ADVANTECH-SOM-5788_15 Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5788Z-U0A1E ADVANTECH-SOM-5788Z-U0A1E Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
logo
Adlink Technology Inc.
EXPRESS-CFR ADLINK-EXPRESS-CFR Datasheet
512Kb / 4P
   COM Express짰 Basic Size Type 6 Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com