Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOM-4455RL-L0A2E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SOM-4455RL-L0A2E
Description  AMD Geode??LX800 ETX CPU Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-4455RL-L0A2E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SOM-4455RL-L0A2E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-4455RL-L0A2E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
SOM-4455
DDR400
CRT 1024x768x32bpp @ 75Hz
1600x1200x16bpp @ 85Hz
TFT LCD 18-Bit 1024x768x32bpp at 60Hz
PCI Bus
USB 2.0/1.1 x 4 Port
IDE x 1 (ATA100)
AC Link
UARTs (COM1/COM2)
IR
MISC
LPC Bus
LPT/Floppy
Super I/O
PS/2 KB&MS
Line-out
Line-in
MIC
SOM-4455R
SOM4455RL
LVDS
Ethernet
W83627HG
LAN Controller
RTL8100CL
FWH
PCI-to ISA Bridge
IT8888G
Audio CODEC
ALC203
DDR SDRAM
Up to 1 GB
ISA Bus
PCI-to SATA
VT6421A
SATA x 2
Secondary IDE
CS5536
AMD
LX800
LVDS
VT1635
Development Board
Part No.
Description
SOM-DB4400-00A2E
Development Board for ETX Rev.A2
SOM-DB4700-00A1E
Development Board for ETX Rev.A1
Packing List
Part No.
Description
Quantity
-
SOM-4455 CPU Module
1
-
Utility CD
1
1960052229T001
Heatspreader
1
Optional Accessories
Part No.
Description
1960012091T00S
Semi-Heatsink 114 x 96 x 15 mm
Embedded OS
OS
Part No.
Description
WinCE
2070001579
CE 6.0 Pro GX3 V1.0 ENG
Win XPE
2070007910
XPE WES2009 GX3 LX800 V4.0 MUI24
QNX
V6.4.1
Ordering Information
Part No.
CPU
L2
Cache
Chipset LVDS
VGA 10/100
LAN
AC97
Audio PCI
USB
2.0
IDE SATA ATX
Power
AT
Power
Thermal
Solution
Operating
Temp.
SOM-4455R-L0A2E
AMD LX800 128 KB
CS5536
-
Yes
Yes
Yes
4
4
1
-
Yes
Yes
Passive
0 ~ 60° C
SOM-4455RL-L0A2E
AMD LX800 128 KB
CS5536
24-bit
Yes
Yes
Yes
4
4
1
-
Yes
Yes
Passive
0 ~ 60° C
SOM-4455R-LSA2E
AMD LX800 128 KB
CS5536
-
Yes
Yes
Yes
3
4
2
2
Yes
Yes
Passive
0 ~ 60° C
SOM-4455RL-LSA2E
AMD LX800 128 KB
CS5536
24-bit
Yes
Yes
Yes
3
4
2
2
Yes
Yes
Passive
0 ~ 60° C
SOM-4455ZR-L0A2E
AMD LX800 128 KB
CS5536
-
Yes
Yes
Yes
4
4
1
-
Yes
Yes
Passive
-20 ~ 80° C
SOM-4455ZRL-L0A2E AMD LX800 128 KB
CS5536
24-bit
Yes
Yes
Yes
4
4
1
-
Yes
Yes
Passive
-20 ~ 80° C
SOM-4455ZR-LSA2E
AMD LX800 128 KB
CS5536
-
Yes
Yes
Yes
3
4
2
2
Yes
Yes
Passive
-20 ~ 80° C
SOM-4455ZRL-LSA2E AMD LX800 128 KB
CS5536
24-bit
Yes
Yes
Yes
3
4
2
2
Yes
Yes
Passive
-20 ~ 80° C
Note: Passive = fanless; Active = with fan


Similar Part No. - SOM-4455RL-L0A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-4455RL-L0A2E ADVANTECH-SOM-4455RL-L0A2E Datasheet
1Mb / 2P
   AMD Geode??LX800 ETX CPU Module
More results

Similar Description - SOM-4455RL-L0A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-4455 ADVANTECH-SOM-4455 Datasheet
299Kb / 2P
   AMD Geode??LX800 ETX CPU Module
SOM-4455 ADVANTECH-SOM-4455_12 Datasheet
1Mb / 2P
   AMD Geode??LX800 ETX CPU Module
logo
AAEON Technology
ETX-701 AAEON-ETX-701 Datasheet
249Kb / 2P
   ETX CPU Module with AMD Geode LX Series Processor
ETX-700 AAEON-ETX-700 Datasheet
276Kb / 2P
   ETX CPU Module with AMD Geode??LX Series Processor
PFM-541IW2 AAEON-PFM-541IW2 Datasheet
352Kb / 1P
   PC/104 CPU Module with Onboard AMD Geode LX800 Processor
logo
Advantech Co., Ltd.
SOM-2355 ADVANTECH-SOM-2355 Datasheet
330Kb / 2P
   AMD Geode??LX800 CPU SOM-144 Module with CPU, VGA/LCD, LAN
PCM-9375A3 ADVANTECH-PCM-9375A3 Datasheet
903Kb / 2P
   AMD Geode??LX800 3.5
12-Oct-2021
PCM-9375 ADVANTECH-PCM-9375_V01 Datasheet
1Mb / 2P
   AMD Geode??LX800 3.5
21-Mar-2018
logo
AAEON Technology
PCM-5895B AAEON-PCM-5895B Datasheet
260Kb / 2P
   AMD Geode??LX800 Processor
PFM-540IREV.B AAEON-PFM-540IREV.B Datasheet
246Kb / 2P
   Onboard AMD Geode LX800 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com