Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CPH3101 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. CPH3101
Description  Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

CPH3101 Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CPH3101
No.6006-3/6
hFE -- IC
Collector Current, IC -- A
f T -- IC
Collector Current, IC -- mA
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
VCE(sat) -- IC
Collector Current, IC -- A
PC -- Ta
A S O
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta --
°C
IC
ICP
10ms
100ms
DC
operation
3
2
5
7
--0.1
3
2
5
7
3
2
5
7
--1.0
23
5
7 --1.0
23
5
7
23
5
7
--10
1.2
1.0
0.9
0.8
0.6
0.4
0.2
0
0
20
40
60
80
100
120
140
160
IT16953
IT16954
Ta=25
°C
Single pulse
When mounted on ceramic substrate (600mm2
✕0.8mm)
1000
7
5
3
2
100
7
5
3
2
10
2
100
7
5
3
2
10
1000
7
5
3
2
100
7
5
3
2
10
VCE= --2V
VCE= --10V
2
--10
35
7
2
35
2
3
5
7 --1000
--100
23
5
7
23
5
7
--10
--1.0
--100
2
--0.01
35 7 --0.1
23
5 7 --1.0
23
5 7 10
f=1MHz
5
3
2
--1.0
7
5
3
2
0.1
7
5
3
2
0.01
IC / IB=10
57 --0.01
23
5 7 --0.1
--1.0
23
5
2
3
5
7
IT16949
IT16950
IT16947
IT16947
When mounted on ceramic substrate
(600mm2
✕0.8mm)


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn