Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CPH3101 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. CPH3101
Description  Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

CPH3101 Datasheet(HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CPH3101
No.6006-2/6
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB= --20V, IE=0A
--0.1
μA
Emitter Cutoff Current
IEBO
VEB= --3V, IC=0A
--0.1
μA
DC Current Gain
hFE
VCE= --2V, IC= --100mA
200
400
Gain-Bandwidth Product
fT
VCE= --10V, IC= --50mA
150
MHz
Output Capacitance
Cob
VCB= --10V, f=1MHz
32
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC= --1.5A, IB= --75mA
--350
--600
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC= --1.5A, IB= --75mA
--0.85
--1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC= --10μA, IE=0A
--30
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC= --1mA, RBE=∞
--30
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IC= --10μA, IC=0A
--6
V
Turn-ON Time
ton
See specified Test Circuit.
60
ns
Storage Time
tstg
350
ns
Fall Time
tf
25
ns
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
CPH3101-TL-E
CPH3
3,000pcs./reel
Pb Free
VR
RL
VCC= --12V
VBE=5V
IC=20IB1= --20IB2= --500mA
+
+
50Ω
INPUT
OUTPUT
1kΩ
100μF
470μF
PW=20μs
IB1
IB2
D.C.≤1%
IC -- VCE
Collector-to-Emitter Voltage, VCE -- mV
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
--2.0
--1.8
--1.6
--1.4
--1.2
--1.0
--0.8
--0.6
--0.4
--0.2
0
--3.2
--2.8
--2.4
--2.0
--1.6
--1.2
--0.8
--0.4
0
--200
0
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--400
--600
--800
--1000
--2mA
--100mA
--4mA
--6mA
--8mA
--10mA
--20mA
--30mA
--40mA
--150mA
--200mA
VCE= --2V
IB=0
IT16947
IT16948


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn