Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CPH3101 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. CPH3101
Description  Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

CPH3101 Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
D0512 TKIM TC-00002846/40599TS (KOTO) TA-1594 No.6006-1/6
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
CPH3101
Bipolar Transistor
–30V, –2A, Low VCE(sat), PNP Single CPH3
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Applications
Relay drivers, lamp drivers, motor drivers, flash
Features
Adoption of FBET and MBIT processes
Large current capacity
Low collector-to-emitter saturation voltage
High-speed switching
Ultrasmall-sized package permitting applied sets to be made small and slim
High allowable power dissipation
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
--30
V
Collector-to-Emitter Voltage
VCEO
--30
V
Emitter-to-Base Voltage
VEBO
--6
V
Collector Current
IC
--2
A
Collector Current (Pulse)
ICP
--4
A
Base Current
IB
--400
mA
Collector Dissipation
PC
When mounted on ceramic substrate (600mm2×0.8mm)
0.9
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7015A-003
Ordering number : EN6006A
Product & Package Information
• Package
: CPH3
• JEITA, JEDEC
: SC-59, TO-236, SOT-23
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
3
2
1
TL
CPH3101-TL-E
1 : Base
2 : Emitter
3 : Collector
CPH3
2.9
0.05
0.4
0.15
2
1
3
0.95


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn