Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA0434A Datasheet(PDF) 2 Page - ON Semiconductor

Part # ENA0434A
Description  Bipolar Transistor 100V, 2A, Low VCE(sat), NPN Single PCP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA0434A Datasheet(HTML) 2 Page - ON Semiconductor

  ENA0434A Datasheet HTML 1Page - ON Semiconductor ENA0434A Datasheet HTML 2Page - ON Semiconductor ENA0434A Datasheet HTML 3Page - ON Semiconductor ENA0434A Datasheet HTML 4Page - ON Semiconductor ENA0434A Datasheet HTML 5Page - ON Semiconductor ENA0434A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC6096
No. A0434-2/6
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Base Current
IB
400
mA
Collector Dissipation
PC
When mounted on ceramic substrate (250mm2×0.8mm)
1.3
W
Tc=25°C
3.5
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=80V, IE=0A
1
μA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0A
1
μA
DC Current Gain
hFE
VCE=5V, IC=100mA
300
600
Gain-Bandwidth Product
fT
VCE=10V, IC=300mA
300
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
13
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=1A, IB=100mA
100
150
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=1A, IB=100mA
0.85
1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10μA, IE=0A
120
V
Collector-to-Emitter Breakdown Voltage
V(BR)CES
IC=100μA, RBE=0Ω
120
V
V(BR)CEO
IC=1mA, RBE=∞
100
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10μA, IC=0A
6.5
V
Turn-ON Time
ton
See specified Test Circuit.
40
ns
Storage Time
tstg
1100
ns
Fall Time
tf
40
ns
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SC6096-TD-E
PCP
1,000pcs./reel
Pb Free
2SC6096-TD-H
PCP
1,000pcs./reel
Pb Free and Halogen Free
VR10
RB
VCC=50V
IC=10IB1= --10IB2=0.5A
VBE= --5V
+
+
50Ω
INPUT
OUTPUT
RL
100μF
470μF
PW=20μs
IB1
D.C.≤1%
IB2
2.0
1.6
1.2
0.8
0.4
0.2
1.8
1.4
1.0
0.6
0
2.0
1.6
1.2
0.4
0.2
0.8
1.8
1.4
0.6
1.0
0
0.2
0.1
0
0.4
0.6
0.8
0.3
0.5
0.7
0.9
1.0
IT11115
10mA
20mA
40mA
80mA
IB=0mA
5mA
2mA
VCE=5V
0
0.2
0.4
0.6
0.8
1.2
1.0
IT11116
60mA
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - ENA0434A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA0438F ONSEMI-ENA0438F Datasheet
377Kb / 26P
   6-channel Motor Driver IC
December, 2013
More results

Similar Description - ENA0434A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SA2202 ONSEMI-2SA2202 Datasheet
87Kb / 4P
   Bipolar Transistor -100V, -2A, Low VCE(sat) PNP Single PCP
January, 2014
2SC5994-TD-E ONSEMI-2SC5994-TD-E Datasheet
327Kb / 7P
   Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SB1123 ONSEMI-2SB1123 Datasheet
368Kb / 8P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SD1623T-TD-E ONSEMI-2SD1623T-TD-E Datasheet
368Kb / 8P
   Bipolar Transistor (??50V, (??2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SA2124 ONSEMI-2SA2124 Datasheet
321Kb / 7P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SA2153 ONSEMI-2SA2153 Datasheet
325Kb / 6P
   Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SB1121 ONSEMI-2SB1121 Datasheet
189Kb / 4P
   Bipolar Transistor -25V, -2A, Low VCE(sat) PNP Single PCP
January, 2014
2SC6094 ONSEMI-2SC6094 Datasheet
329Kb / 7P
   Bipolar Transistor 60V, 3A, Low VCE(sat), NPN Single PCP
September, 2013
2SD1618 ONSEMI-2SD1618 Datasheet
272Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat), NPN Single PCP
September, 2013
2SC6095 ONSEMI-2SC6095 Datasheet
328Kb / 7P
   Bipolar Transistor 80V, 2.5A, Low VCE(sat), NPN Single PCP
September, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com