Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1815T-TL-H Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2SD1815T-TL-H
Description  Bipolar Transistor (-)100V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1815T-TL-H Datasheet(HTML) 4 Page - ON Semiconductor

  2SD1815T-TL-H Datasheet HTML 1Page - ON Semiconductor 2SD1815T-TL-H Datasheet HTML 2Page - ON Semiconductor 2SD1815T-TL-H Datasheet HTML 3Page - ON Semiconductor 2SD1815T-TL-H Datasheet HTML 4Page - ON Semiconductor 2SD1815T-TL-H Datasheet HTML 5Page - ON Semiconductor 2SD1815T-TL-H Datasheet HTML 6Page - ON Semiconductor 2SD1815T-TL-H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SB1215/2SD1815
No.2539-4/7
Ambient Temperature, Ta --
°C
PC -- Ta
0
20
40
60
80
100
120
140
160
0
200
400
600
800
ITR03230
Base to Emitter Voltage, VBE -- V
IC -- VBE
Collector to Base Voltage, VCB -- V
Cob -- VCB
Collector Current, IC -- mA
hFE -- IC
f T -- IC
Collector Current, IC -- mA
Collector Current, IC -- mA
VCE(sat) -- IC
Collector to Emitter Voltage, VCE -- V
S O A
ITR03225
ITR03222
ITR03223
10
100
23
35
7
1000
7
57
2
2
35
7
10
5
7
100
5
3
7
1000
5
3
2
2
3
1.0
10
23
5
7
57
2
100
72
35
7
10
1.0
5
7
100
5
3
2
3
2
0
0.2
0.4
0.6
0.8
1.0
1.2
0
200
400
600
800
1000
VCE=5V
ITR03227
10
3
57
100
23
5
7
1000
7
5
2
10
7
100
5
3
5
3
2
2
VCE=10V
5V
57
10
7 100
23
35
7 1000
22
35
0.1
3
5
2
1.0
3
5
2
10
3
5
2
IC / IB=10
DC
operation
10ms
100ms
10
1.0
3
5
2
3
5
3
5
3
5
100
7
2
2
3
2
3
5
7
35
10
2
2
100
1000
ICP=1.5A
IC=0.7A
1ms
ITR03228
ITR03229
Pulse
Ta=25
°C
Single pulse


Similar Part No. - 2SD1815T-TL-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1815T-TL-H SANYO-2SD1815T-TL-H Datasheet
523Kb / 10P
   High-Current Switching Applications
logo
ON Semiconductor
2SD1815T-TL-H ONSEMI-2SD1815T-TL-H Datasheet
106Kb / 7P
   Bipolar Transistor
November, 2013
More results

Similar Description - 2SD1815T-TL-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SB1202 ONSEMI-2SB1202 Datasheet
100Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
September, 2013
2SB1216 ONSEMI-2SB1216_13 Datasheet
366Kb / 9P
   Bipolar Transistor (-)100V, (-)4A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2126 ONSEMI-2SA2126 Datasheet
382Kb / 9P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SC6097 ONSEMI-2SC6097 Datasheet
416Kb / 9P
   Bipolar Transistor 60V, 3A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SA2205 ONSEMI-2SA2205 Datasheet
365Kb / 9P
   Bipolar Transistor -100V, -2A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SC4134 ONSEMI-2SC4134 Datasheet
401Kb / 9P
   Bipolar Transistor 100V, 1A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SC6099-TL-E ONSEMI-2SC6099-TL-E Datasheet
402Kb / 9P
   Bipolar Transistor 100V, 2A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SB1203 ONSEMI-2SB1203_13 Datasheet
389Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2040 ONSEMI-2SA2040 Datasheet
436Kb / 10P
   Bipolar Transistor (-)50V, (-)8A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2169 ONSEMI-2SA2169 Datasheet
426Kb / 10P
   Bipolar Transistor (-)50V, (-)10A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com