Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN2063C Datasheet(PDF) 4 Page - ON Semiconductor

Part # EN2063C
Description  Bipolar Transistor (-)50V, (-)4A, Low VCE(sat), (PNP)NPN Single TO-126ML
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN2063C Datasheet(HTML) 4 Page - ON Semiconductor

  EN2063C Datasheet HTML 1Page - ON Semiconductor EN2063C Datasheet HTML 2Page - ON Semiconductor EN2063C Datasheet HTML 3Page - ON Semiconductor EN2063C Datasheet HTML 4Page - ON Semiconductor EN2063C Datasheet HTML 5Page - ON Semiconductor EN2063C Datasheet HTML 6Page - ON Semiconductor EN2063C Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SB1143 / 2SD1683
No.2063-4/7
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
fT -- IC
Collector Current, IC -- A
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
VBE(sat) -- IC
Collector Current, IC -- A
VBE(sat) -- IC
Collector Current, IC -- A
A S O
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta --
°C
PC -- Ta
23
5
0.1
10
23
5
0.01
23
5 7
7
7
1.0
100
10
2
5
7
1000
7
5
3
2
3
ITR09055
2SB1
143
2SD1683
1.0
10
7
3
5
100
10
2
3
5
2
27
35
100
27
35
ITR09056
2SB1143 / 2SD1683
VCE=10V
2SB1
143
2SD1683
2SB1143 / 2SD1683
f=1MHz
1.0
0.1
10
5
7
3
2
5
7
3
5
7
3
2
2
1.0
10
25
7
3
3
100
25
7
3
57
ITR09061
0
12
10
8
4
6
2
1.5
0
20
40
60
100
120
160
140
80
ITR09062
No heat sink
2SB1143 / 2SD1683
5
7
7
3
2
2
5
3
--1.0
--10
23
5 7
77
--0.01
23
5
2
3
5
--0.1
--1.0
ITR09059
2SB1143
IC / IB=20
25
°C
75
°C
Ta= --25°C
5
7
7
3
2
2
5
3
1.0
0.1
10
23
5 7
77
0.01
23
5
2
3
5
0.1
1.0
ITR09060
25
°C
75
°C
Ta= --25°C
2SD1683
IC / IB=20
10ms 1ms
DC
operation
Tc=25
°C
DC
operation
Ta=25
°C
2SB1143 / 2SD1683
IC=4A
ICP=6A
2
5
7
3
2
5
7
3
2
5
3
--1000
--10
--100
23
5 7
77
--0.01
23
5
3
5
--0.1
2
--1.0
ITR09057
2SB1143
IC / IB=20
75°C
25°
C
Ta= -
-25°C
2
5
7
3
2
5
7
3
2
5
3
1000
10
100
23
5 7
77
0.01
23
5
3
5
0.1
2
1.0
ITR09058
25°C
Ta=75°C
--25°
C
2SD1642
IC / IB=20
For PNP, the minus sign is omitted.
For PNP, the minus sign is omitted.
Tc=25
°C
Single pulse
For PNP, the minus sign is omitted.


Similar Part No. - EN2063C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EN2063C SANYO-EN2063C Datasheet
422Kb / 7P
   50V/4A Switching Applications
More results

Similar Description - EN2063C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AML2002 ONSEMI-AML2002 Datasheet
325Kb / 7P
   Bipolar Transistor 200V, 0.7A, Low VCE(sat), NPN Single TO-126ML
September, 2013
2SD1685 ONSEMI-2SD1685 Datasheet
273Kb / 6P
   Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single TO-126ML
September, 2013
CPH3116 ONSEMI-CPH3116 Datasheet
631Kb / 7P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
MCH3145 ONSEMI-MCH3145 Datasheet
436Kb / 8P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
2SA2125 ONSEMI-2SA2125 Datasheet
325Kb / 1P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single PCP
November, 2013
2SD1623T-TD-E ONSEMI-2SD1623T-TD-E Datasheet
368Kb / 8P
   Bipolar Transistor (??50V, (??2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
CPH6123-TL-E ONSEMI-CPH6123-TL-E Datasheet
602Kb / 8P
   Bipolar Transistor (.)50V, (.)3A, Low VCE(sat), (PNP)NPN Single CPH6
September, 2013
2SA2016 ONSEMI-2SA2016 Datasheet
359Kb / 8P
   Bipolar Transistor (-)50V, (-)7A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
MCH6103 ONSEMI-MCH6103 Datasheet
562Kb / 8P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single MCPH6
September, 2013
2SB1123 ONSEMI-2SB1123 Datasheet
368Kb / 8P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com