Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA0188B Datasheet(PDF) 4 Page - ON Semiconductor

Part # ENA0188B
Description  Bipolar Transistor -140V, -12A, Low VCE(sat) PNP TO-3P-3L
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA0188B Datasheet(HTML) 4 Page - ON Semiconductor

  ENA0188B Datasheet HTML 1Page - ON Semiconductor ENA0188B Datasheet HTML 2Page - ON Semiconductor ENA0188B Datasheet HTML 3Page - ON Semiconductor ENA0188B Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2SB817C
PS No.A0188-4/4
ON Semiconductor and the ON logo are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number
of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at
www.onsemi.com/site/pdf/Patent-Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no
warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the
application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual
performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical
experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use
as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in
which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for
any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors
harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or
death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the
part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
Mass (g) Unit
1.8
* For reference mm
Outline Drawing
2SB817C-1E


Similar Part No. - ENA0188B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0114A SANYO-ENA0114A Datasheet
540Kb / 7P
   General-Purpose Switching Device Applications
ENA0125B SANYO-ENA0125B Datasheet
171Kb / 23P
   CMOS IC Internal 32K/24K/16K-byte ROM and 1024-byte RAM 8-bit 1-chip Microcontroller
logo
ON Semiconductor
ENA0143 ONSEMI-ENA0143 Datasheet
185Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.04
ENA0145 ONSEMI-ENA0145 Datasheet
408Kb / 34P
   CMOS LSI 8-bit Withstand Voltage Microcontroller 128K-byte Flash ROM / 4096-byte RAM / 100pin
April, 2014 Ver. 1.70a
logo
Sanyo Semicon Device
ENA0151A SANYO-ENA0151A Datasheet
534Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - ENA0188B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSB1184 TSC-TSB1184 Datasheet
45Kb / 3P
   Low Vce(sat) PNP Transistor
logo
Pan Jit International I...
PBHV9110DW PANJIT-PBHV9110DW Datasheet
408Kb / 6P
   PNP Low Vce(sat) Transistor
January 18,2019-REV.00
2SB1429 PANJIT-2SB1429 Datasheet
313Kb / 5P
   PNP Low Vce(sat) Transistor
November 4,2016-REV.00
PBHV9110DW-AU PANJIT-PBHV9110DW-AU Datasheet
408Kb / 6P
   PNP Low Vce(sat) Transistor
January 18,2019-REV.00
logo
Taiwan Semiconductor Co...
TSB1424A TSC-TSB1424A Datasheet
71Kb / 3P
   Low Vce(sat) PNP Transistor
logo
Pan Jit International I...
PBHV9110DH-AU PANJIT-PBHV9110DH-AU Datasheet
404Kb / 6P
   PNP Low Vce(sat) Transistor
January 18,2019-REV.00
logo
Taiwan Semiconductor Co...
TSB772 TSC-TSB772 Datasheet
49Kb / 3P
   Low Vce(sat) PNP Transistor
logo
Pan Jit International I...
2SB1427W6 PANJIT-2SB1427W6 Datasheet
227Kb / 5P
   PNP Low Vce(sat) Transistor
PBHV9110DA-AU PANJIT-PBHV9110DA-AU Datasheet
413Kb / 6P
   PNP Low Vce(sat) Transistor
August 16,2019-REV.00
BCX53-16-AU PANJIT-BCX53-16-AU Datasheet
375Kb / 6P
   PNP Low Vce(sat) Transistor
January 18,2019-REV.00
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com