Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFL4310PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFL4310PBF
Description  Advanced Process Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFL4310PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFL4310PBF_15 Datasheet HTML 1Page - International Rectifier IRFL4310PBF_15 Datasheet HTML 2Page - International Rectifier IRFL4310PBF_15 Datasheet HTML 3Page - International Rectifier IRFL4310PBF_15 Datasheet HTML 4Page - International Rectifier IRFL4310PBF_15 Datasheet HTML 5Page - International Rectifier IRFL4310PBF_15 Datasheet HTML 6Page - International Rectifier IRFL4310PBF_15 Datasheet HTML 7Page - International Rectifier IRFL4310PBF_15 Datasheet HTML 8Page - International Rectifier IRFL4310PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRFL4310PbF
HEXFET® Power MOSFET
PD - 95144
S
D
G
VDSS = 100V
RDS(on) = 0.20Ω
ID = 1.6A
04/22/04
Description
l Surface Mount
l Dynamic dv/dt Rating
l Fast Switching
l Ease of Paralleling
l Advanced Process Technology
l Ultra Low On-Resistance
l Lead-Free
S O T -223
* When mounted on FR-4 board using minimum recommended footprint.
** When mounted on 1 inch square copper board, for comparison with other SMD devices.
Absolute Maximum Ratings
www.irf.com
1
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET Power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
The SOT-223 package is designed for surface-mount
using vapor phase, infra red, or wave soldering techniques.
Its unique package design allows for easy automatic pick-
and-place as with other SOT or SOIC packages but has
the added advantage of improved thermal performance
due to an enlarged tab for heatsinking. Power dissipation
of 1.0W is possible in a typical surface mount application.
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Amb. (PCB Mount, steady state)*
93
120
RθJA
Junction-to-Amb. (PCB Mount, steady state)**
48
60
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V**
2.2
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V*
1.6
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V*
1.3
IDM
Pulsed Drain Current

13
PD @TA = 25°C
Power Dissipation (PCB Mount)**
2.1
W
PD @TA = 25°C
Power Dissipation (PCB Mount)*
1.0
W
Linear Derating Factor (PCB Mount)*
8.3
mW/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
47
mJ
IAR
Avalanche Current

1.6
A
EAR
Repetitive Avalanche Energy
*
0.10
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
A


Similar Part No. - IRFL4310PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFL4310PBF IRF-IRFL4310PBF Datasheet
662Kb / 9P
   HEXFET짰 Power MOSFET ( VDSS = 100V , RDS(on) = 0.20廓 , ID = 1.6A )
More results

Similar Description - IRFL4310PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com