Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA0269A Datasheet(PDF) 3 Page - ON Semiconductor

Part # ENA0269A
Description  Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single NMP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA0269A Datasheet(HTML) 3 Page - ON Semiconductor

  ENA0269A Datasheet HTML 1Page - ON Semiconductor ENA0269A Datasheet HTML 2Page - ON Semiconductor ENA0269A Datasheet HTML 3Page - ON Semiconductor ENA0269A Datasheet HTML 4Page - ON Semiconductor ENA0269A Datasheet HTML 5Page - ON Semiconductor ENA0269A Datasheet HTML 6Page - ON Semiconductor ENA0269A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SA2186
No. A0269-3/7
IC -- VCE
IC -- VBE
Collector-to-Emitter Voltage, VCE -- V
Base-to-Emitter Voltage, VBE -- V
hFE -- IC
f T -- IC
Collector Current, IC -- A
Collector Current, IC -- A
--2.0
--1.8
--1.6
--1.2
--1.4
--0.8
--1.0
--0.4
--0.6
--0.2
0
--0.4
0
--0.8
--1.2
--1.6
--2.0
--0.2
--0.6
--1.0
--1.4
--1.8
IT10526
--8mA
--10mA
--20mA
--30mA
--50mA
IB=0mA
--6mA
--2mA
--4mA
VCE= --2V
--2.0
--1.8
--1.0
--0.8
--0.2
--0.4
--0.6
--1.2
--1.4
--1.6
0
0
--0.2
--0.4
--0.6
--0.8
--1.2
--1.0
IT10527
--40mA
Ta=75
°C
25
°C
--25
°C
7
100
1000
7
5
3
2
3
5
--0.01
3
25
--0.1
73
25
7
2
3
--1.0
VCE= --2V
IT10528
100
2
7
5
1000
7
5
3
--0.01
25
7
32
5
7
32
3
--0.1
--1.0
IT10529
VCE= --10V
5
5
3
2
10
100
7
7
--1.0
--0.1
37
25
3
7
25
3
7
25
--10
IT10530
f=1MHz
--0.1
2
3
5
7
7
2
3
5
--0.01
--0.01
--0.1
23
5
7
23
5
7
2
3
--1.0
Ta=75
°C
--2
5°
C
IT10531
IC / IB=10
25
°C
--0.1
--1.0
2
3
5
7
7
2
3
5
--0.01
--0.01
--0.1
23
5
7
23
5
7
2
3
--1.0
Ta=75
°C
--25
°C
IT10532
IC / IB=20
25°
C
3
--1.0
3
Ta= --25°
C
25
°C
75°C
2
7
5
IC / IB=10
IT10533
--0.01
3
25
--0.1
72
3
2
3
5
--1.0
7
Cob -- VCB
VCE(sat) -- IC
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
VBE(sat) -- IC
Collector Current, IC -- A


Similar Part No. - ENA0269A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0225C SANYO-ENA0225C Datasheet
183Kb / 9P
   General-Purpose Switching Device Applications
ENA0241 SANYO-ENA0241 Datasheet
253Kb / 6P
   Monolithic Linear IC 6ch 75ohm Video Driver
More results

Similar Description - ENA0269A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SA2112 ONSEMI-2SA2112 Datasheet
576Kb / 7P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single NMP
September, 2013
2SA2153 ONSEMI-2SA2153 Datasheet
325Kb / 6P
   Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SA2127 ONSEMI-2SA2127 Datasheet
462Kb / 9P
   Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single MP
September, 2013
MCH3145 ONSEMI-MCH3145 Datasheet
436Kb / 8P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
2SD1623T-TD-E ONSEMI-2SD1623T-TD-E Datasheet
368Kb / 8P
   Bipolar Transistor (??50V, (??2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SB1123 ONSEMI-2SB1123 Datasheet
368Kb / 8P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SA1770 ONSEMI-2SA1770 Datasheet
609Kb / 7P
   Bipolar Transistor (-)160V, (-)1.5A, Low VCE(sat), (PNP)NPN Single NMP
August, 2013
2SC5994-TD-E ONSEMI-2SC5994-TD-E Datasheet
327Kb / 7P
   Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SC4482 ONSEMI-2SC4482 Datasheet
580Kb / 6P
   Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single NMP
September, 2013
2SB1201 ONSEMI-2SB1201 Datasheet
388Kb / 10P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com