Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN8123A Datasheet(PDF) 4 Page - ON Semiconductor

Part # EN8123A
Description  Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single PCP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN8123A Datasheet(HTML) 4 Page - ON Semiconductor

  EN8123A Datasheet HTML 1Page - ON Semiconductor EN8123A Datasheet HTML 2Page - ON Semiconductor EN8123A Datasheet HTML 3Page - ON Semiconductor EN8123A Datasheet HTML 4Page - ON Semiconductor EN8123A Datasheet HTML 5Page - ON Semiconductor EN8123A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SA2153
No.8123-4/6
Embossed Taping Specification
2SA2153-TD-E


Similar Part No. - EN8123A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EN8158B SANYO-EN8158B Datasheet
399Kb / 6P
   Low-Frequency General-Purpose Amplifier, Impedance Converter Applications
EN8162A SANYO-EN8162A Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
logo
ON Semiconductor
EN8165A ONSEMI-EN8165A Datasheet
579Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
September, 2013
More results

Similar Description - EN8123A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SB1123 ONSEMI-2SB1123 Datasheet
368Kb / 8P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SD1623T-TD-E ONSEMI-2SD1623T-TD-E Datasheet
368Kb / 8P
   Bipolar Transistor (??50V, (??2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SC5994-TD-E ONSEMI-2SC5994-TD-E Datasheet
327Kb / 7P
   Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SA2124 ONSEMI-2SA2124 Datasheet
321Kb / 7P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SA2202 ONSEMI-2SA2202 Datasheet
87Kb / 4P
   Bipolar Transistor -100V, -2A, Low VCE(sat) PNP Single PCP
January, 2014
2SB1121 ONSEMI-2SB1121 Datasheet
189Kb / 4P
   Bipolar Transistor -25V, -2A, Low VCE(sat) PNP Single PCP
January, 2014
2SB1122 ONSEMI-2SB1122 Datasheet
81Kb / 4P
   Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Single PCP
December, 2013
2SA2125 ONSEMI-2SA2125 Datasheet
325Kb / 1P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single PCP
November, 2013
2SA2016 ONSEMI-2SA2016 Datasheet
359Kb / 8P
   Bipolar Transistor (-)50V, (-)7A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SC6096 ONSEMI-2SC6096 Datasheet
321Kb / 6P
   Bipolar Transistor 100V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com