Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFI4020H-117P Datasheet(PDF) 5 Page - International Rectifier

Part # IRFI4020H-117P
Description  Integrated half-bridge package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFI4020H-117P Datasheet(HTML) 5 Page - International Rectifier

  IRFI4020H-117P_15 Datasheet HTML 1Page - International Rectifier IRFI4020H-117P_15 Datasheet HTML 2Page - International Rectifier IRFI4020H-117P_15 Datasheet HTML 3Page - International Rectifier IRFI4020H-117P_15 Datasheet HTML 4Page - International Rectifier IRFI4020H-117P_15 Datasheet HTML 5Page - International Rectifier IRFI4020H-117P_15 Datasheet HTML 6Page - International Rectifier IRFI4020H-117P_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.irf.com
5
IRFI4020H-117P
Fig 13a. Maximum Avalanche Energy vs. Drain Current
Fig 12. On-Resistance vs. Gate Voltage
Fig 13c. Unclamped Inductive Waveforms
Fig 13b. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
RG
IAS
0.01
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V
VGS
Fig 14a. Switching Time Test Circuit
Fig 14b. Switching Time Waveforms
V
GS
V
DS
90%
10%
t
d(on)
t
d(off)
t
r
t
f
V
GS
Pulse Width < 1µs
Duty Factor < 0.1%
V
DD
V
DS
L
D
D.U.T
+
-
Fig 15a. Gate Charge Test Circuit
Fig 15b Gate Charge Waveform
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
1K
VCC
DUT
0
L
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
100
200
300
400
500
600
ID
TOP
0.91A
1.1A
BOTTOM 5.5A
5
6
7
8
9
10
VGS, Gate -to -Source Voltage (V)
50
75
100
125
150
175
200
225
250
275
300
ID = 5.5A
TJ = 25°C
TJ = 125°C


Similar Part No. - IRFI4020H-117P_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI4020H-117P IRF-IRFI4020H-117P Datasheet
197Kb / 6P
   DIGITAL AUDIO MOSFET
More results

Similar Description - IRFI4020H-117P_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI4212H-117P IRF-IRFI4212H-117P_15 Datasheet
259Kb / 7P
   Integrated half-bridge package
IRFI4019HG-117P IRF-IRFI4019HG-117P Datasheet
273Kb / 7P
   Integrated Half-Bridge Package
IRFI4019H-117P IRF-IRFI4019H-117P_15 Datasheet
295Kb / 8P
   Integrated Half-Bridge Package
IR3101 IRF-IR3101 Datasheet
268Kb / 10P
   Half-Bridge FredFet and Integrated Driver
logo
Monolithic Power System...
MP8040 MPS-MP8040 Datasheet
249Kb / 8P
   High Current Integrated Half Bridge Driver
logo
International Rectifier
IR3103 IRF-IR3103 Datasheet
198Kb / 11P
   Half-Bridge FredFET and Integrated Driver
logo
Infineon Technologies A...
BTN7030-1EPA INFINEON-BTN7030-1EPA Datasheet
2Mb / 46P
   NovalithIC??Lite ??smart integrated half-bridge
v1.1 2020-11-20
logo
National Semiconductor ...
LM5035A NSC-LM5035A Datasheet
601Kb / 30P
   PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
logo
Infineon Technologies A...
BTN9990LV INFINEON-BTN9990LV Datasheet
681Kb / 33P
   High current PN half-bridge with integrated driver
Rev. 1.0 2021-10-12
IFX007T INFINEON-IFX007T Datasheet
1Mb / 25P
   High Current PN Half Bridge with Integrated Driver
Rev. 1.0 2018-09-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com