Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFI540NPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRFI540NPBF
Description  ADVANCED PROCESS TECHNOLOGY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFI540NPBF Datasheet(HTML) 8 Page - International Rectifier

  IRFI540NPBF Datasheet HTML 1Page - International Rectifier IRFI540NPBF Datasheet HTML 2Page - International Rectifier IRFI540NPBF Datasheet HTML 3Page - International Rectifier IRFI540NPBF Datasheet HTML 4Page - International Rectifier IRFI540NPBF Datasheet HTML 5Page - International Rectifier IRFI540NPBF Datasheet HTML 6Page - International Rectifier IRFI540NPBF Datasheet HTML 7Page - International Rectifier IRFI540NPBF Datasheet HTML 8Page - International Rectifier IRFI540NPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IRFI540NPbF
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.11/03
Data and specifications subject to change without notice.
TO-220 Full-Pak Part Marking Information
WIT H ASSE MB L Y
E XAMP L E : T H IS IS AN IR F I840G
L OT CODE 3432
AS S E MB L E D ON WW 24 1999
IN T H E ASSE MB L Y L INE "K "
PAR T NU MB E R
LOT CODE
AS S E MB L Y
INT E R NAT IONAL
R E CT IF IE R
LOGO
34
32
924K
IR F I840G
DAT E CODE
YE AR 9 = 1999
WEEK 24
LINE K
Note: "P" in assembly line
position indicates "Lead-Free"
TO-220 Full-Pak Package Outline


Similar Part No. - IRFI540NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI540NPBF IRF-IRFI540NPBF Datasheet
258Kb / 8P
   HEXFET Power MOSFET
logo
Infineon Technologies A...
IRFI540NPBF INFINEON-IRFI540NPBF Datasheet
505Kb / 9P
   Advanced Process Technology
2017-04-27
More results

Similar Description - IRFI540NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com