Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFHS9301PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRFHS9301PBF
Description  Compatible with Existing Surface Mount Techniques
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHS9301PBF Datasheet(HTML) 3 Page - International Rectifier

  IRFHS9301PBF_15 Datasheet HTML 1Page - International Rectifier IRFHS9301PBF_15 Datasheet HTML 2Page - International Rectifier IRFHS9301PBF_15 Datasheet HTML 3Page - International Rectifier IRFHS9301PBF_15 Datasheet HTML 4Page - International Rectifier IRFHS9301PBF_15 Datasheet HTML 5Page - International Rectifier IRFHS9301PBF_15 Datasheet HTML 6Page - International Rectifier IRFHS9301PBF_15 Datasheet HTML 7Page - International Rectifier IRFHS9301PBF_15 Datasheet HTML 8Page - International Rectifier IRFHS9301PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
May 21, 2014
IRFHS9301PbF
Fig 4. Normalized On-Resistance vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 6. Typical Gate Charge vs.Gate-to-Source Voltage
Fig 5. Typical Capacitance vs.Drain-to-Source Voltage
0.1
1
10
100
-VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
VGS
TOP
-10V
-8.0V
-5.0V
-4.5V
-3.5V
-3.3V
-3.0V
BOTTOM
-2.8V
≤60μs PULSE WIDTH
Tj = 150°C
-2.8V
1
2
3
4
5
6
-VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
TJ = 25°C
TJ = 150°C
VDS = -15V
≤60μs PULSE WIDTH
1
10
100
-VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
VGS = 0V,
f = 1 KHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.6
0.8
1.0
1.2
1.4
1.6
ID = -7.8A
VGS = -10V
0
2
4
6
8
101214
1618
QG, Total Gate Charge (nC)
0
2
4
6
8
10
12
14
VDS= -24V
VDS= -15V
VDS= -6V
ID= -7.8A
0.1
1
10
100
-VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
VGS
TOP
-10V
-8.0V
-5.0V
-4.5V
-3.5V
-3.3V
-3.0V
BOTTOM
-2.8V
≤60μs PULSE WIDTH
Tj = 25°C
-2.8V


Similar Part No. - IRFHS9301PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHS9301PBF IRF-IRFHS9301PBF Datasheet
331Kb / 8P
   HEXFET Power MOSFET
More results

Similar Description - IRFHS9301PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com