Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFHS8242PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFHS8242PBF
Description  Compatible with Existing Surface Mount Techniques
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHS8242PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFHS8242PBF Datasheet HTML 1Page - International Rectifier IRFHS8242PBF Datasheet HTML 2Page - International Rectifier IRFHS8242PBF Datasheet HTML 3Page - International Rectifier IRFHS8242PBF Datasheet HTML 4Page - International Rectifier IRFHS8242PBF Datasheet HTML 5Page - International Rectifier IRFHS8242PBF Datasheet HTML 6Page - International Rectifier IRFHS8242PBF Datasheet HTML 7Page - International Rectifier IRFHS8242PBF Datasheet HTML 8Page - International Rectifier IRFHS8242PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
Notes
 through † are on page 2
Features and Benefits
Applications
System/Load Switch
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
ID @ TC(Bottom) = 25°C Continuous Drain Current, VGS @ 10V
ID @ TC(Bottom)= 70°C
Continuous Drain Current, VGS @ 10V
ID @ TC(Bottom) = 25°C Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
f
PD @TA = 70°C
Power Dissipation
f
Linear Derating Factor
f
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
-55 to + 150
2.1
0.02
1.3
Max.
9.9
d
17
d
84
±20
25
8.0
21
d
8.5
d
V
W
A
°C
2mm x 2mm PQFN
G
D
D
S
D
D
S
D
G 3
S
D2
D1
4S
5D
6D
TOP VIEW
D
VDS
25
V
VGS max
±20
V
RDS(on) max
(@VGS = 10V)
13.0
m
Ω
Qg (typical)
( @ VGS = 4.5V)
4.3
nC
ID
(@Tc(Bottom) = 25°C)
8.5
d
A
IRFHS8242PbF
1
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
December 17, 2013
Form
Quantity
IRFHS8242TRPbF
PQFN 2mm x 2mm
Tape and Reel
4000
IRFHS8242TR2PbF
PQFN 2mm x 2mm
Tape and Reel
400
EOL notice # 259
Orderable part number
Package Type
Standard Pack
Note
Features
Resulting Benefits
Low RDSon (
≤ 13.0mΩ)
Lower Conduction Losses
Low Thermal Resistance to PCB (≤ 13°C/W)
Enable better thermal dissipation
Low Profile (
≤ 1.0 mm)
results in
Increased Power Density
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
MSL1, Industrial Qualification
Increased Reliability


Similar Part No. - IRFHS8242PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHS8242PBF IRF-IRFHS8242PBF Datasheet
274Kb / 9P
   HEXFET Power MOSFET
More results

Similar Description - IRFHS8242PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com