Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A5031 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE15A5031
Description  50 Ohms Input and Output Matched
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A5031 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE15A5031 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A5031 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A5031 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A5031 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A5031 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A5031 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE15A5031 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
TECHNICAL DATA SHEET
Mechanical Specifications
Size
Length
6 in [152.4 mm]
Width
3 in [76.2 mm]
Height
1.1 in [27.94 mm]
.
Weight
1 lbs [453.59 g]
Input Connector
SMA Female
Output Connector
SMA Female
Cooling
ADEQUATE HEATSINK REQUIRED
Environmental Specifications
Temperature
Operating Range
0 to +50 deg C
..
Humidity
95% Non-Condensing
Shock
Normal Truck Transport
Vibration
Normal Truck Transport
Altitude
10000 feet Above Sea Level
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
Values at +25 °C, sea level
ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
Heat Sink Required for Proper Operation, Unit is cooled by conduction to heat sink.
PE15A5031
PE15A5031 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 46 dB Gain, 25 Watt Psat, 20 MHz to 1,000 MHz, High Power High Gain Amplifier, 48 dBm
IP3, SMA PE15A5031
46 dB Gain, 25 Watt Psat, 20 MHz to 1,000 MHz, High
Power High Gain Amplifier, 48 dBm IP3, SMA


Similar Part No. - PE15A5031

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5031F PASTERNACK-PE15A5031F Datasheet
782Kb / 8P
   50 Ohms Input and Output Matched
More results

Similar Description - PE15A5031

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5033 PASTERNACK-PE15A5033 Datasheet
701Kb / 8P
   50 Ohms Input and Output Matched
PE15A5031F PASTERNACK-PE15A5031F Datasheet
782Kb / 8P
   50 Ohms Input and Output Matched
PE15A5035 PASTERNACK-PE15A5035 Datasheet
669Kb / 7P
   50 Ohms Input and Output Matched
PE15A5032 PASTERNACK-PE15A5032 Datasheet
1Mb / 8P
   50 Ohms Input and Output Matched
PE15A5016 PASTERNACK-PE15A5016 Datasheet
536Kb / 6P
   50 Ohms Input and Output Matched
PE15A5034 PASTERNACK-PE15A5034 Datasheet
792Kb / 7P
   50 Ohms Input and Output Matched
PE15A5028F PASTERNACK-PE15A5028F Datasheet
450Kb / 4P
   50 Ohms Input and Output Matched
PE15A5019 PASTERNACK-PE15A5019 Datasheet
732Kb / 7P
   50 Ohms Input and Output Matched
logo
Advanced Semiconductor
PDFP1000-1215 ASI-PDFP1000-1215 Datasheet
1Mb / 5P
   Input and Output Matched to 50 Ohms
logo
Pasternack Enterprises,...
PE15A3008 PASTERNACK-PE15A3008 Datasheet
596Kb / 5P
   50 Ohm Input and Output Matched
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com