Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS4240DPN Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PBSS4240DPN
Description  40 V low VCEsat NPN/PNP transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4240DPN Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PBSS4240DPN_15 Datasheet HTML 4Page - NXP Semiconductors PBSS4240DPN_15 Datasheet HTML 5Page - NXP Semiconductors PBSS4240DPN_15 Datasheet HTML 6Page - NXP Semiconductors PBSS4240DPN_15 Datasheet HTML 7Page - NXP Semiconductors PBSS4240DPN_15 Datasheet HTML 8Page - NXP Semiconductors PBSS4240DPN_15 Datasheet HTML 9Page - NXP Semiconductors PBSS4240DPN_15 Datasheet HTML 10Page - NXP Semiconductors PBSS4240DPN_15 Datasheet HTML 11Page - NXP Semiconductors PBSS4240DPN_15 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2003 Feb 20
8
NXP Semiconductors
Product data sheet
40 V low VCEsat NPN/PNP transistor
PBSS4240DPN
handbook, halfpage
0
(1)
(2)
(3)
(4)
(6)
(8)
IC
(A)
VCE (V)
−1.2
−0.8
−0.4
0
−0.4
−2
−0.8
−1.2
−1.4
MHC468
(9)
(10)
(7)
(5)
Fig.12 Collector current as a function of
collector-emitter voltage; typical values.
(1) IB = −7 mA.
(2) IB = −6.3 mA.
(3) IB = −5.6 mA.
(4) IB = −4.9 mA.
(5) IB = −4.2 mA.
(6) IB = −3.5 mA.
(7) IB = −2.8 mA.
(8) IB = −2.1 mA.
(9) IB = −1.4 mA.
(10) IB = −0.7 mA.
TR2 (PNP); Tamb = 25 °C.
handbook, halfpage
0
−2
−2.4
−2
0
−0.4
−0.8
−1.2
−1.6
−0.4
VCE (V)
IC
(A)
−0.8
−1.2
−1.6
MHC469
(9)
(7)
(10)
(8)
(1)
(2)
(3)
(4)
(5)
(6)
Fig.13 Collector current as a function of
collector-emitter voltage; typical values.
(1) IB = −50 mA.
(2) IB = −45 mA.
(3) IB = −40 mA.
(4) IB = −35 mA.
(5) IB = −30 mA.
(6) IB = −25 mA.
(7) IB = −20 mA.
(8) IB = −15 mA.
(9) IB = −10 mA.
(10) IB = −5 mA.
TR2 (PNP); Tamb = 25 °C.


Similar Part No. - PBSS4240DPN_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4240DPN PHILIPS-PBSS4240DPN Datasheet
108Kb / 12P
   40 V low VCEsat NPN/PNP transistor
2003 Feb 20
PBSS4240DPN PHILIPS-PBSS4240DPN Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PBSS4240DPN NXP-PBSS4240DPN Datasheet
473Kb / 12P
   40 V low VCEsat NPN/PNP transistor
2003 Feb 20
logo
Nexperia B.V. All right...
PBSS4240DPN NEXPERIA-PBSS4240DPN Datasheet
704Kb / 13P
   40 V low VCEsat NPN/PNP transistor
2003 Feb 20
More results

Similar Description - PBSS4240DPN_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4140DPN PHILIPS-PBSS4140DPN Datasheet
76Kb / 12P
   40 V low VCEsat NPN/PNP transistor
2001 Dec 13
PBSS4140DPN PHILIPS-PBSS4140DPN_15 Datasheet
373Kb / 11P
   40 V low VCEsat NPN/PNP transistor
2001 Dec 13
logo
Nexperia B.V. All right...
PBSS4240DPN NEXPERIA-PBSS4240DPN Datasheet
704Kb / 13P
   40 V low VCEsat NPN/PNP transistor
2003 Feb 20
PBSS4140DPN NEXPERIA-PBSS4140DPN Datasheet
585Kb / 12P
   40 V low VCEsat NPN/PNP transistor
2001 Dec 13
logo
NXP Semiconductors
PBSS4240DPN NXP-PBSS4240DPN Datasheet
473Kb / 12P
   40 V low VCEsat NPN/PNP transistor
2003 Feb 20
PBSS4240DPN PHILIPS-PBSS4240DPN Datasheet
108Kb / 12P
   40 V low VCEsat NPN/PNP transistor
2003 Feb 20
PBSS5140T PHILIPS-PBSS5140T Datasheet
68Kb / 9P
   40 V low VCEsat PNP transistor
2004 Jan 07
PBSS5240Y PHILIPS-PBSS5240Y_15 Datasheet
125Kb / 7P
   40 V low VCEsat PNP transistor
2002 Feb 28
PBSS5240V PHILIPS-PBSS5240V_15 Datasheet
368Kb / 9P
   40 V low VCEsat PNP transistor
2003 Jan 30
logo
Nexperia B.V. All right...
PBSS5140V NEXPERIA-PBSS5140V Datasheet
466Kb / 8P
   40 V low VCEsat PNP transistor
2002 Mar 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com