Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFHM8330PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFHM8330PBF
Description  Compatible with Existing Surface Mount Techniques
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHM8330PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFHM8330PBF Datasheet HTML 1Page - International Rectifier IRFHM8330PBF Datasheet HTML 2Page - International Rectifier IRFHM8330PBF Datasheet HTML 3Page - International Rectifier IRFHM8330PBF Datasheet HTML 4Page - International Rectifier IRFHM8330PBF Datasheet HTML 5Page - International Rectifier IRFHM8330PBF Datasheet HTML 6Page - International Rectifier IRFHM8330PBF Datasheet HTML 7Page - International Rectifier IRFHM8330PBF Datasheet HTML 8Page - International Rectifier IRFHM8330PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRFHM8330PbF
HEXFET® Power MOSFET
Base part number
Package Type
Standard Pack
Orderable Part Number
 
 
Form
Quantity
IRFHM8330PbF
PQFN 3.3 mm x 3.3 mm
Tape and Reel
4000
IRFHM8330TRPbF
VDSS
30
V
RDS(on) max
(@ VGS = 10V)
6.6
(@ VGS = 4.5V)
9.9
Qg (typical)
9.3
nC
ID
(@TC (Bottom) = 25°C)
25
A
m

VGS max
±20
V
Features
Benefits
Low Thermal Resistance to PCB (<3.8°C/W)
Enable better Thermal Dissipation
Low Profile (<1.2mm)
Increased Power Density
Industry-Standard Pinout
results in Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques

Easier Manufacturing
RoHS Compliant, Halogen-Free
Environmentally Friendlier
MSL1, Consumer Qualification
Increased Reliability
Notes  through  are on page 10
Absolute Maximum Ratings
  
Parameter
Max.
Units
VGS
Gate-to-Source Voltage
± 20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
16
A
ID @ TC(Bottom) = 25°C
Continuous Drain Current, VGS @ 10V
55
ID @ TC(Bottom) = 100°C
Continuous Drain Current, VGS @ 10V
35
IDM
Pulsed Drain Current
210
PD @TA = 25°C
Power Dissipation 
2.7
W
PD @TC(Bottom) = 25°C
Power Dissipation
33
Linear Derating Factor
0.021
W/°C
TJ
Operating Junction and
-55 to + 150
°C
TSTG
Storage Temperature Range
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
13
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
(Source Bonding Technology Limited)
25
Applications

Charge and Discharge Switch for Notebook PC Battery Application

System/Load Switch

Control MOSFET for synchronous buck converter
 
PQFN 3.3X3.3 mm
 
S
G
S
S
D
D
D
D
D
1
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
June 30, 2014


Similar Part No. - IRFHM8330PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHM8330PBF IRF-IRFHM8330PBF Datasheet
379Kb / 9P
   Charge and Discharge Switch for Notebook PC Battery Application
logo
Infineon Technologies A...
IRFHM8330PBF INFINEON-IRFHM8330PBF Datasheet
628Kb / 11P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
More results

Similar Description - IRFHM8330PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com