Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS4160DS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PBSS4160DS
Description  60 V, 1 A NPN/NPN low VCEsat (BISS) transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4160DS Datasheet(HTML) 5 Page - NXP Semiconductors

  PBSS4160DS_15 Datasheet HTML 1Page - NXP Semiconductors PBSS4160DS_15 Datasheet HTML 2Page - NXP Semiconductors PBSS4160DS_15 Datasheet HTML 3Page - NXP Semiconductors PBSS4160DS_15 Datasheet HTML 4Page - NXP Semiconductors PBSS4160DS_15 Datasheet HTML 5Page - NXP Semiconductors PBSS4160DS_15 Datasheet HTML 6Page - NXP Semiconductors PBSS4160DS_15 Datasheet HTML 7Page - NXP Semiconductors PBSS4160DS_15 Datasheet HTML 8Page - NXP Semiconductors PBSS4160DS_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PBSS4160DS_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 11 December 2009
5 of 14
NXP Semiconductors
PBSS4160DS
60 V, 1 A NPN/NPN low VCEsat (BISS) transistor
FR4 PCB, mounting pad for collector 1 cm2
Fig 3.
Transient thermal impedance from junction to ambient as a function of pulse time; typical values
Ceramic PCB, Al2O3, standard footprint
Fig 4.
Transient thermal impedance from junction to ambient as a function of pulse time; typical values
006aaa495
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
Zth(j-a)
(K/W)
1
0.20
0.10
0.05
0.02
0.01
0
δ = 1
0.75
0.50
0.33
006aaa496
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
Zth(j-a)
(K/W)
1
0.20
0.10
0.05
0.02
0.01
0
δ = 1
0.75
0.50
0.33


Similar Part No. - PBSS4160DS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4160DS PHILIPS-PBSS4160DS Datasheet
154Kb / 14P
   60 V 1 A NPN/NPN low VCEsat (BISS) transistor
Rev. 02-27 June 2005
logo
Nexperia B.V. All right...
PBSS4160DS NEXPERIA-PBSS4160DS Datasheet
329Kb / 15P
   60 V, 1 A NPN/NPN low VCEsat (BISS) transistor
Rev. 04 - 11 December 2009
More results

Similar Description - PBSS4160DS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4160DS PHILIPS-PBSS4160DS Datasheet
154Kb / 14P
   60 V 1 A NPN/NPN low VCEsat (BISS) transistor
Rev. 02-27 June 2005
PBSS4160PAN NXP-PBSS4160PAN Datasheet
276Kb / 17P
   60 V, 1 A NPN/NPN low VCEsat (BISS) transistor
14 January 2013
logo
Nexperia B.V. All right...
PBSS4160DS NEXPERIA-PBSS4160DS Datasheet
329Kb / 15P
   60 V, 1 A NPN/NPN low VCEsat (BISS) transistor
Rev. 04 - 11 December 2009
PBSS4160PANS NEXPERIA-PBSS4160PANS Datasheet
762Kb / 19P
   60 V, 1 A NPN/NPN low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS4160PAN PHILIPS-PBSS4160PAN_15 Datasheet
276Kb / 17P
   60 V, 1 A NPN/NPN low VCEsat (BISS) transistor
14 January 2013
logo
Nexperia B.V. All right...
PBSS4160PANPS NEXPERIA-PBSS4160PANPS Datasheet
804Kb / 23P
   60 V, 1 A NPN/NPN low VCEsat (BISS) transistor
PBSS4160PAN NEXPERIA-PBSS4160PAN Datasheet
752Kb / 17P
   60 V, 1 A NPN/NPN low VCEsat (BISS) transistor
14 January 2013
logo
NXP Semiconductors
PBSS4160T PHILIPS-PBSS4160T Datasheet
111Kb / 10P
   60 V, 1 A NPN low VCEsat (BISS) transistor
2004 May 12
PBSS4160V PHILIPS-PBSS4160V_15 Datasheet
166Kb / 14P
   60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03-11 December 2009
PBSS4160V NXP-PBSS4160V Datasheet
166Kb / 14P
   60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03-11 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com