Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5707 Datasheet(PDF) 9 Page - ON Semiconductor

Part # 2SC5707
Description  Bipolar Transistor (-)50V, (-)8A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5707 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button 2SC5707 Datasheet HTML 2Page - ON Semiconductor 2SC5707 Datasheet HTML 3Page - ON Semiconductor 2SC5707 Datasheet HTML 4Page - ON Semiconductor 2SC5707 Datasheet HTML 5Page - ON Semiconductor 2SC5707 Datasheet HTML 6Page - ON Semiconductor 2SC5707 Datasheet HTML 7Page - ON Semiconductor 2SC5707 Datasheet HTML 8Page - ON Semiconductor 2SC5707 Datasheet HTML 9Page - ON Semiconductor 2SC5707 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
2SA2040 / 2SC5707
No.6913-9/10
Outline Drawing
2SA2040-E, 2SC5707-E
Mass (g) Unit
0.315
* For reference mm


Similar Part No. - 2SC5707

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5707 SANYO-2SC5707 Datasheet
37Kb / 5P
   High Current Switching Applications
2SC5707 SANYO-2SC5707 Datasheet
64Kb / 5P
   High Current Switching Applications
2SC5707 SANYO-2SC5707 Datasheet
509Kb / 10P
   High-Current Switching Applications
2SC5707 SANYO-2SC5707 Datasheet
509Kb / 10P
   High-Current Switching Applications
logo
Inchange Semiconductor ...
2SC5707 ISC-2SC5707 Datasheet
337Kb / 3P
   isc Silicon NPN Power Transistor
More results

Similar Description - 2SC5707

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SB1204 ONSEMI-2SB1204 Datasheet
378Kb / 9P
   Bipolar Transistor -50V, -8A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SB1202 ONSEMI-2SB1202 Datasheet
100Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
September, 2013
2SB1203 ONSEMI-2SB1203_13 Datasheet
389Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2169 ONSEMI-2SA2169 Datasheet
426Kb / 10P
   Bipolar Transistor (-)50V, (-)10A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1201 ONSEMI-2SB1201 Datasheet
388Kb / 10P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SD1803T ONSEMI-2SD1803T Datasheet
389Kb / 10P
   Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC5706-TL-H ONSEMI-2SC5706-TL-H Datasheet
424Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2126 ONSEMI-2SA2126 Datasheet
382Kb / 9P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SB1215 ONSEMI-2SB1215 Datasheet
106Kb / 7P
   Bipolar Transistor (-)100V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
November, 2013
2SB1216 ONSEMI-2SB1216_13 Datasheet
366Kb / 9P
   Bipolar Transistor (-)100V, (-)4A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com