Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH9310PBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRFH9310PBF
Description  RoHS Compliant Containing no Lead, no Bromide and no Halogen
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH9310PBF Datasheet(HTML) 9 Page - International Rectifier

  IRFH9310PBF_15 Datasheet HTML 1Page - International Rectifier IRFH9310PBF_15 Datasheet HTML 2Page - International Rectifier IRFH9310PBF_15 Datasheet HTML 3Page - International Rectifier IRFH9310PBF_15 Datasheet HTML 4Page - International Rectifier IRFH9310PBF_15 Datasheet HTML 5Page - International Rectifier IRFH9310PBF_15 Datasheet HTML 6Page - International Rectifier IRFH9310PBF_15 Datasheet HTML 7Page - International Rectifier IRFH9310PBF_15 Datasheet HTML 8Page - International Rectifier IRFH9310PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRFH9310PbF
9
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
August 26, 2014
† Qualification standards can be found at International Rectifier’s web site
http://www.irf.com/product-info/reliability
†† Higher qualification ratings may be available should the user have such requirements.
Please contact your International Rectifier sales representative for further information:
http://www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
†††† Higher MSL ratings may be available for the specific package types listed here. Please contact your
International Rectifier sales representative for further information: http://www.irf.com/whoto-call/salesrep/
MSL2
(per JEDEC J-STD-020D
†††)
RoHS Compliant
Qualification Information
Qualification level
Consumer
††
(per JEDEC JESD47F
††† guidelines)
Yes
Moisture Sensitivity Level
PQFN 5mm x 6mm
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
Date
Comments
• Updated datasheet as per new IR Corporate Template
• Updated data sheet with latest PQFN Tape and Reel Diagram.
Revision History
8/19/2014


Similar Part No. - IRFH9310PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH9310PBF IRF-IRFH9310PBF Datasheet
296Kb / 9P
   Charge and Discharge Switch for Notebook PC Battery Application
More results

Similar Description - IRFH9310PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLTS6342PBF IRF-IRLTS6342PBF_15 Datasheet
258Kb / 8P
   RoHS Compliant Containing no Lead, no Bromide and no Halogen
logo
Infineon Technologies A...
IRFH9310 INFINEON-IRFH9310 Datasheet
296Kb / 9P
   RoHS Compliant Containing no Lead, no Bromide and no Halogen
2014-08-26
logo
International Rectifier
IRLML6346PBF IRF-IRLML6346PBF_15 Datasheet
218Kb / 10P
   RoHS compliant containing no lead, no bromide and no halogen
IRF6713STR1PBF IRF-IRF6713STR1PBF Datasheet
236Kb / 9P
   ROHS Compliant Containing No Lead and Bromide
IRF8308MTRPBF IRF-IRF8308MTRPBF Datasheet
277Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MTRPBF IRF-IRF6894MTRPBF Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MPBF IRF-IRF6894MPBF_15 Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6722S1PBF IRF-IRF6722S1PBF Datasheet
270Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
IRF6718L2PBF IRF-IRF6718L2PBF_15 Datasheet
236Kb / 10P
   RoHS Compliant Containing No Lead and Bromide
IRF6726MPBF IRF-IRF6726MPBF_15 Datasheet
262Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com