Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBR941 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PBR941
Description  UHF wideband transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBR941 Datasheet(HTML) 3 Page - NXP Semiconductors

  PBR941_15 Datasheet HTML 1Page - NXP Semiconductors PBR941_15 Datasheet HTML 2Page - NXP Semiconductors PBR941_15 Datasheet HTML 3Page - NXP Semiconductors PBR941_15 Datasheet HTML 4Page - NXP Semiconductors PBR941_15 Datasheet HTML 5Page - NXP Semiconductors PBR941_15 Datasheet HTML 6Page - NXP Semiconductors PBR941_15 Datasheet HTML 7Page - NXP Semiconductors PBR941_15 Datasheet HTML 8Page - NXP Semiconductors PBR941_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1998 Aug 10
3
Philips Semiconductors
Product specification
UHF wideband transistor
PBR941
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector pin.
THERMAL CHARACTERISTICS
Note
1. Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
20
V
VCEO
collector-emitter voltage
open base
10
V
VEBO
emitter-base voltage
open collector
1.5
V
IC
collector current (DC)
50
mA
IC(AV)
average collector current
50
mA
Ptot
total power dissipation
Ts =60 °C; note 1
360
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
175
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction
to soldering point; note 1
Ptot = 360 mW; Ts =60 °C; note 1
320
K/W


Similar Part No. - PBR941_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
PBR941 JMNIC-PBR941_15 Datasheet
121Kb / 16P
   UHF wideband transistor
More results

Similar Description - PBR941_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PRF957 PHILIPS-PRF957 Datasheet
109Kb / 16P
   UHF wideband transistor
1999 Jul 23
logo
Quanzhou Jinmei Electro...
PBR941B JMNIC-PBR941B_15 Datasheet
160Kb / 13P
   UHF wideband transistor
PRF949 JMNIC-PRF949_15 Datasheet
117Kb / 16P
   UHF wideband transistor
logo
NXP Semiconductors
PBR941 PHILIPS-PBR941 Datasheet
144Kb / 16P
   UHF wideband transistor
1998 Aug 10
PRF949 PHILIPS-PRF949 Datasheet
81Kb / 7P
   UHF wideband transistor
1999 Oct 29
logo
Quanzhou Jinmei Electro...
PBR941 JMNIC-PBR941_15 Datasheet
121Kb / 16P
   UHF wideband transistor
PBR951 JMNIC-PBR951_15 Datasheet
148Kb / 16P
   UHF wideband transistor
logo
NXP Semiconductors
PBR951-215 NXP-PBR951-215 Datasheet
121Kb / 16P
   UHF wideband transistor
1998 Aug 10
PBR941B_N PHILIPS-PBR941B_N_15 Datasheet
160Kb / 13P
   UHF wideband transistor
2001 Jan 18
PBR951 PHILIPS-PBR951 Datasheet
144Kb / 16P
   UHF wideband transistor
1998 Aug 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com