Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH8311PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFH8311PBF
Description  Compatible with Existing Surface Mount Techniques
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH8311PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFH8311PBF_15 Datasheet HTML 1Page - International Rectifier IRFH8311PBF_15 Datasheet HTML 2Page - International Rectifier IRFH8311PBF_15 Datasheet HTML 3Page - International Rectifier IRFH8311PBF_15 Datasheet HTML 4Page - International Rectifier IRFH8311PBF_15 Datasheet HTML 5Page - International Rectifier IRFH8311PBF_15 Datasheet HTML 6Page - International Rectifier IRFH8311PBF_15 Datasheet HTML 7Page - International Rectifier IRFH8311PBF_15 Datasheet HTML 8Page - International Rectifier IRFH8311PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
Notes
 through ‡ are on page 9
Features and Benefits
Applications
Synchronous MOSFET for high frequency buck converters
PQFN 5X6 mm
Features
Benefits
Low Thermal Resistance to PCB (< 1.3°C/W)
Enable better thermal dissipation
Low Profile (<1.2mm)
results in Increased Power Density
Industry-Standard Pinout
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
MSL1, Industrial Qualification
Increased Reliability
IRFH8311PbF
VDS
30
V
Vgs max
± 20
V
RDS(on) max
(@VGS = 10V)
2.1
(@VGS = 4.5V)
3.2
Qg typ.
30
nC
ID
(@Tc(Bottom) = 25°C)
80
i
A
m
Ω
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
ID @ TC(Bottom) = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC(Bottom) = 100°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
g
PD @TC(Bottom) = 25°C
Power Dissipation
g
Linear Derating Factor
g
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
3.6
0.029
96
Max.
32
107
hi
400
± 20
30
26
169
hi
80
i
V
W
A
°C
-55 to + 150
1
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
June 2, 2015
Form
Quantity
IRFH8311TRPBF
PQFN 5mm x 6mm Tape and Reel
4000
IRFH8311TRPBF
IRFH8311TR2PBF PQFN 5mm x 6mm Tape and Reel
400
IRFH8311TR2PBF
EOL notice #259
Base part number
Package Type
Standard Pack
Orderable part number
Note


Similar Part No. - IRFH8311PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH8311PBF IRF-IRFH8311PBF Datasheet
315Kb / 9P
   Synchronous MOSFET for high frequency buck converters
More results

Similar Description - IRFH8311PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com