Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH7932PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFH7932PBF
Description  Synchronous MOSFET for Notebook Processor Power
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH7932PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFH7932PBF Datasheet HTML 1Page - International Rectifier IRFH7932PBF Datasheet HTML 2Page - International Rectifier IRFH7932PBF Datasheet HTML 3Page - International Rectifier IRFH7932PBF Datasheet HTML 4Page - International Rectifier IRFH7932PBF Datasheet HTML 5Page - International Rectifier IRFH7932PBF Datasheet HTML 6Page - International Rectifier IRFH7932PBF Datasheet HTML 7Page - International Rectifier IRFH7932PBF Datasheet HTML 8Page - International Rectifier IRFH7932PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HEXFET® Power MOSFET
Notes
 through … are on page 10
Applications
l Synchronous MOSFET for Notebook
Processor Power
l Synchronous Rectifer MOSFET for Isolated
DC-DC Converters in Networking Systems
Benefits
l Very low RDS(ON) at 4.5V VGS
l Low Gate Charge
l Fully Characterized Avalanche Voltage and
Current
l 100% Tested for RG
l Lead-Free (Qualified up to 260°C Reflow)
l RoHS compliant (Halogen Free)
l Low Thermal Resistance
l Large Source Lead for more reliable Soldering
PQFN
D
D
D
D
S
G
S
S
VDSS
RDS(on) max
Qg
30V
3.3m:@VGS = 10V 34nC
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
g
PD @TA = 70°C
Power Dissipation
g
Linear Derating Factor
g
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
f
–––
2.2
RθJA
Junction-to-Ambient
g
–––
37
°C/W
°C
W
A
V
Max.
25
104
200
± 20
30
20
-55 to + 150
3.4
0.03
2.2
IRFH7932PbF
1
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
August 11, 2014
Form
Quantity
IRFH7932TRPbF
PQFN 5mm x 6mm
Tape and Reel
4000
IRFH7932TR2PbF
PQFN 5mm x 6mm
Tape and Reel
400
EOL notice # 259
Orderable part number
Package Type
Standard Pack
Note


Similar Part No. - IRFH7932PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH7932PBF IRF-IRFH7932PBF Datasheet
217Kb / 9P
   HEXFET Power MOSFET
More results

Similar Description - IRFH7932PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7832TR IRF-IRF7832TR Datasheet
268Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRFH7936TRPBF IRF-IRFH7936TRPBF Datasheet
295Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8252PBF IRF-IRF8252PBF_15 Datasheet
239Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7832PBF IRF-IRF7832PBF_15 Datasheet
268Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF7842PBF IRF-IRF7842PBF_15 Datasheet
225Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF3717PBF-1 IRF-IRF3717PBF-1_15 Datasheet
258Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF7820PBF IRF-IRF7820PBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8736TRPBF IRF-IRF8736TRPBF Datasheet
253Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7820TRPBF IRF-IRF7820TRPBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8113TRPBF IRF-IRF8113TRPBF Datasheet
272Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF3717TRPBF IRF-IRF3717TRPBF Datasheet
224Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com