Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH7911PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRFH7911PBF
Description  Control and synchronous FET in one package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH7911PBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRFH7911PBF Datasheet HTML 2Page - International Rectifier IRFH7911PBF Datasheet HTML 3Page - International Rectifier IRFH7911PBF Datasheet HTML 4Page - International Rectifier IRFH7911PBF Datasheet HTML 5Page - International Rectifier IRFH7911PBF Datasheet HTML 6Page - International Rectifier IRFH7911PBF Datasheet HTML 7Page - International Rectifier IRFH7911PBF Datasheet HTML 8Page - International Rectifier IRFH7911PBF Datasheet HTML 9Page - International Rectifier IRFH7911PBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
May 9, 2014
IRFH7911PbF
Q1 - Control FET
Q2 - Synchronous FET
Typical Characteristics
Fig 19. Maximum Drain Current vs. Ambient Temp.
Fig 20. Maximum Drain Current vs. Ambient Temp.
Fig 21. Threshold Voltage vs. Temperature
Fig 22. Threshold Voltage vs. Temperature
Fig 23. Maximum Avalanche Energy vs. Drain Current
Fig 24. Maximum Avalanche Energy vs. Drain Current
-75
-50
-25
0
25
50
75
100 125 150
TJ , Temperature ( °C )
0.5
1.0
1.5
2.0
2.5
ID = 25μA
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
10
20
30
40
50
I D
TOP
2.3A
3.1A
BOTTOM
10A
-75
-50
-25
0
25
50
75
100 125 150
TJ , Temperature ( °C )
0.5
1.0
1.5
2.0
2.5
ID = 250μA
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
50
100
150
I D
TOP
5.4A
6.6A
BOTTOM
21A
25
50
75
100
125
150
TA , Ambient Temperature (°C)
0
2
4
6
8
10
12
14
25
50
75
100
125
150
TA , Ambient Temperature (°C)
0
5
10
15
20
25
30


Similar Part No. - IRFH7911PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH7911PBF IRF-IRFH7911PBF Datasheet
325Kb / 10P
   Control and synchronous FET in one package
More results

Similar Description - IRFH7911PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH7911PBF IRF-IRFH7911PBF Datasheet
325Kb / 10P
   Control and synchronous FET in one package
IRFH4253DPBF IRF-IRFH4253DPBF_15 Datasheet
594Kb / 13P
   Control and synchronous MOSFETs in one package
IRFH4257DPBF IRF-IRFH4257DPBF_15 Datasheet
861Kb / 12P
   Control and synchronous MOSFETs in one package
IRFH4251DPBF IRF-IRFH4251DPBF_15 Datasheet
557Kb / 13P
   Control and synchronous MOSFETs in one package
OM3901SC IRF-OM3901SC_15 Datasheet
36Kb / 4P
   Positive And Negative Regulators In One Package
IRF7413ZPBF IRF-IRF7413ZPBF Datasheet
266Kb / 10P
   Control FET for Notebool Processor Power, Control and Synchronous Rectifier
IRS2158D IRF-IRS2158D Datasheet
773Kb / 30P
   Ballast control and half-bridge driver in one IC
logo
Crydom Inc.,
UPD2415D CRYDOM-UPD2415D Datasheet
645Kb / 4P
   SIP SSR 2 Relays in one package with independent control input
logo
Toshiba Semiconductor
SSM5H06FE TOSHIBA-SSM5H06FE Datasheet
163Kb / 8P
   Combined Nch MOSFET and Schottky Diode in one Package.
logo
International Rectifier
IRS2580DSPBF IRF-IRS2580DSPBF_15 Datasheet
32Kb / 1P
   PFC, ballast control and half-bridge driver in one IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com