Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH7934PBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRFH7934PBF
Description  Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH7934PBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRFH7934PBF_15 Datasheet HTML 2Page - International Rectifier IRFH7934PBF_15 Datasheet HTML 3Page - International Rectifier IRFH7934PBF_15 Datasheet HTML 4Page - International Rectifier IRFH7934PBF_15 Datasheet HTML 5Page - International Rectifier IRFH7934PBF_15 Datasheet HTML 6Page - International Rectifier IRFH7934PBF_15 Datasheet HTML 7Page - International Rectifier IRFH7934PBF_15 Datasheet HTML 8Page - International Rectifier IRFH7934PBF_15 Datasheet HTML 9Page - International Rectifier IRFH7934PBF_15 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
www.irf.com © 2013 International Rectifier
August 20, 2013
IRFH7934PbF
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Starting TJ = 25°C, L = 0.535mH, RG = 25Ω, IAS = 19A.
ƒ Pulse width ≤ 400μs; duty cycle ≤ 2%.
„ Rthjc is guaranteed by design
… When mounted on 1 inch square 2 oz copper pad on 1.5x1.5 in. board of FR-4 material.
MS L2
††††
(per JE DEC J-S T D-020D
††† )
RoHS compliant
Yes
PQFN 5mm x 6mm
Qualification information
Moisture Sensitivity Level
Qualification level
Consumer
††
(per JE DEC JES D47F
††† guidelines )
Qualification standards can be found at International Rectifier’s web site
http://www.irf.com/product-info/reliability
††
Higher qualification ratings may be available should the user have such requirements.
Please contact your International Rectifier sales representative for further information:
http://www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
†††† Higher MSL ratings may be available for the specific package types listed here.
Please contact your International Rectifier sales representative for further information:
http://www.irf.com/whoto-call/salesrep/
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
Date
Comments
08/06/2013
•ÃUpdated the package outline drawing, on page 8.
•ÃThis drawing change is related to PCN Hana-GTBF-GEM 5x6 PQFN Public.
Revision History


Similar Part No. - IRFH7934PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH7934PBF IRF-IRFH7934PBF Datasheet
315Kb / 10P
   HEXFET Power MOSFET
More results

Similar Description - IRFH7934PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8721TRPBF IRF-IRF8721TRPBF Datasheet
235Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRFH7914PBF IRF-IRFH7914PBF_15 Datasheet
294Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRFH7914TRPBF IRF-IRFH7914TRPBF Datasheet
304Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRF8707GTRPBF IRF-IRF8707GTRPBF Datasheet
252Kb / 9P
   Control MOSFET of Sync-Buck  Converters used for Notebook  Processor Power
IRF8714GTRPBF IRF-IRF8714GTRPBF Datasheet
254Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRF8714PBF-1 IRF-IRF8714PBF-1_15 Datasheet
225Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRF7413ZPBF IRF-IRF7413ZPBF_15 Datasheet
289Kb / 10P
   Control FET for Notebook Processor Power
IRF7807ZPBF IRF-IRF7807ZPBF_15 Datasheet
220Kb / 10P
   Control FET for Notebook Processor Power
IRF7413ZGPBF IRF-IRF7413ZGPBF Datasheet
292Kb / 10P
   Control FET for Notebook Processor Power
IRF7413ZTRPBF IRF-IRF7413ZTRPBF Datasheet
272Kb / 10P
   Control FET for Notebook Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com