Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS-570 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part No. DS-570
Description  Intel® Celeron® N2930/ J1900 Quad-Core™ SoC with Advanced (NVIDIA GeForce GT 730M) Graphics Digital Signage Platform
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADVANTECH [Advantech Co., Ltd.]
Homepage  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

DS-570 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  DS-570 Datasheet HTML 1Page - Advantech Co., Ltd. DS-570 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Digital Signage Platforms
Features
DS-570
ƒ Intel Celeron N2930/ J1900 low power Quad-Core SoC platform (FANLESS)
Integrated NVIDIA GeForce GT 730M graphic module for UHD/FHD playback
ƒ Supports simultaneous multi-display output (any 2,3 or 4 outputs)
ƒ Compact size mechanical design for easy installation in application field
ƒ Highly expandable via internal Mini-PCIe interface (e.g. WLAN, 3G or TV
tuner)
ƒ 2 COM (RS-232) ports for system integration and application
ƒ Consumer Electronic Control (CEC*) implemented on one of HDMI port
ƒ Content management software built-in for content editing, scheduling and
remote monitoring functions
Specifications
Processor System
CPU
Intel Celeron N2930 Quad Core 1.86GHz/ J1900 Quad Core 2.0GHz
System Chipset
Integrated in CPU
L2 Cache
2 MB
BIOS
AMI uEFI 64 Mbit
Memory
Technology
2 x DDR3L 204-pin DIMM**
Max. Capacity
8GB (up to 4GB per each SODIMM)
Display
Chipset
NVIDIA GeForce GT 730M
Memory Size
Independent display memory 1024 MB
Resolution
VGA: up to 2048 x 1536 @ 60Hz
HDMI: up to 3840 x 2160 @ 30Hz
DP++: up to 3840 x 2160 @ 60Hz
Output
2 x HDMI, 1x DP++, 1 x VGA
Multi display
Any 2, 3 or 4 outputs
Video format
H.264, VC1, MPEG-1, MPEG-2, MPEG-4 Part 2SP, MPEG-4 ASP, WMV9, DivX 3.11
Storage
SATA
1 x 2.5-inch SATA II HDD/SSD (only support 7 mm height)
Ethernet
Interface
Gigabit LAN Controller
Controller
2 x Intel I211
Connector
2 x RJ-45
I/O Interface
HDMI
2 (HDMI 1 support CEC only)
DP++
1
VGA
1 (D-sub 15-pin)
LAN
2 (RJ-45)
USB 2.0
3
USB 3.0
1
Audio
1x audio phone jack for Mic-in, 1x SPDIF/ Line-Out (support jack-sense via OS setting)
Serial
2 x COM (RS-232)
Mini-PCIe (Internal)
2 (full-size for optional expansion modules)
Power input
1 (DC-in jack)
Power Requirement
Management
ACPI 3.0
Power Consumption Input Voltage
CPU N2930:
- Typical: 10.5W (w/o expansion)
- Max.: 15.7W (w/o expansion)
CPU J1900:
- Typical: 9.7W (w/o expansion)
- Max: 22.6W (w/o expansion)
Input Voltage
19V DC-in (ATX/AT mode, default ATX)
Others
Supports boot on power back and schedule boot up function
Watchdog Timer
Output
Interrupt, system reset
Interval
Programmable by SUSIAccess
Physical Characteristics
Mounting
Easy mounting kits for LCD or Plasma
Dimensions (W x H x D)
220 x 44.2 x 150 mm
Weight
1.7 kg
Environment
Operating Temperature
0 ~ 40° C (32 ~ 104° F) (w / HDD); 0° C~ 70° C (32 ~ 158° F) (w/ extend temp. Memory & SSD)
Relative Humidity
95% @ 40° C (non-condensing)
Vibration Resistance
1.0 Grms, IEC 60068-2-64, random, 5~500 Hz, 1Oct./min, 1hr/axis
Software Development Kit
Operating System
Supports Microsoft Windows 8.1/ 8/ 7, WES7P, WES7E
Linux
TBD
Certification
Electromagnetic
CE, FCC Class B, BSMI
Safety
UL, CCC, BSMI, CB, LVD
*1 CEC pin definition reserved in HDMI, needs software to enable it
** If only one RAM, please insert it into SO-DIMM 1 slot and boot up.
Intel® Celeron® N2930/ J1900 Quad-Core™
SoC with Advanced (NVIDIA GeForce GT 730M)
Graphics Digital Signage Platform
All product specifications are subject to change without notice
Last updated : 26-Nov-2014


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn