Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT1152-RG Datasheet(PDF) 1 Page - Marktech Corporate

Part # MT1152-RG
Description  Marktech Rectangular 2x5mm LEDs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT1152-RG Datasheet(HTML) 1 Page - Marktech Corporate

  MT1152-RG Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
357
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
2x5mm R
2x5mm R
2x5mm R
2x5mm R
2x5mm Rectangular LED Lamps
ectangular LED Lamps
ectangular LED Lamps
ectangular LED Lamps
ectangular LED Lamps
• Flangeless package
• Diffused lens
• All plastic mold type
• Low drive current
• Other colors/materials available
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RATINGS (T
TINGS (T
TINGS (T
TINGS (T
TINGS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
PART NO.
FORWARD
CURRENT(I
F)
(mA)
REVERSE
VOLTAGE (V
R)
(V)
POWER
DISSIPATION (P
D)
(mW)
OPERATING
TEMPERATURE (T
opr)
(°C)
STORAGE
TEMPERATURE (T
stg)
(ºC)
MT1152-RG
30
5.0
85
-25~+85
-25~+100
MT2152-G
30
5.0
85
-25~+85
-25~+100
MT3152-Y
30
5.0
85
-25~+85
-25~+100
MT4152-O
30
5.0
85
-25~+85
-25~+100
MT4152-HR
30
5.0
85
-25~+85
-25~+100
PART NO.
MATERIAL
LENS
COLOR
VIEWING
ANGLE
typ.
LUMINOUS INTENSITY
(mcd)
FORWARD VOLTAGE
(V)
REVERSE
CURRENT
PEAK WAVE
LENGTH
min.
typ.
@mA
typ.
max.
@mA
µA
Vr
nm
MT1152-RG
GaP
Red Diff
84°
1.7
2.9
20
2.1
3.0
20
100
5
700
MT2152-G
GaP
Green Diff
84°
4.2
7.1
20
2.1
3.0
20
100
5
567
MT3152-Y
GaAsP/GaP
Yellow Diff
84°
3.5
5.9
20
2.1
3.0
20
100
5
585
MT4152-O
GaAsP/GaP
Orange Diff
84°
5.0
8.3
20
2.1
3.0
20
100
5
635
MT4152-HR
GaAsP/GaP
Red Diff
84°
5.0
8.3
20
2.1
3.0
20
100
5
635


Similar Part No. - MT1152-RG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT110 MARKTECH-MT110 Datasheet
30Kb / 1P
   3 x 4mm RECTANGULAR LED LAMPS?
MT110-G MARKTECH-MT110-G Datasheet
30Kb / 1P
   3 x 4mm RECTANGULAR LED LAMPS?
MT110-HR MARKTECH-MT110-HR Datasheet
30Kb / 1P
   3 x 4mm RECTANGULAR LED LAMPS?
MT110-O MARKTECH-MT110-O Datasheet
30Kb / 1P
   3 x 4mm RECTANGULAR LED LAMPS?
MT110-R MARKTECH-MT110-R Datasheet
30Kb / 1P
   3 x 4mm RECTANGULAR LED LAMPS?
More results

Similar Description - MT1152-RG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1173-RG MARKTECH-MT1173-RG Datasheet
35Kb / 1P
   Marktech Rectangular Reflector Cap LEDs
logo
P-tec Corporation
PL44-CDY01 P-TEC-PL44-CDY01_14 Datasheet
76Kb / 1P
   Rectangular 2x5mm Lens
logo
Kingbright Corporation
WP113EDT KINGBRIGHT-WP113EDT_15 Datasheet
318Kb / 6P
   2x5mm RECTANGULAR LED LAMP
WP113SRDT KINGBRIGHT-WP113SRDT_15 Datasheet
317Kb / 6P
   2x5mm RECTANGULAR LED LAMP
logo
P-tec Corporation
PL43-CDR12 P-TEC-PL43-CDR12_14 Datasheet
76Kb / 1P
   Rectangular 2x5mm Lens
PL44-CDR12 P-TEC-PL44-CDR12_14 Datasheet
76Kb / 1P
   Rectangular 2x5mm Lens
logo
Marktech Corporate
MT2053-RG MARKTECH-MT2053-RG Datasheet
33Kb / 1P
   Marktech Rectangular Bi?묬olor 2 Leaded LEDs
logo
P-tec Corporation
PL43-CDG13 P-TEC-PL43-CDG13_14 Datasheet
76Kb / 1P
   Rectangular 2x5mm Lens
PL43-CDR21 P-TEC-PL43-CDR21_14 Datasheet
76Kb / 1P
   Rectangular 2x5mm Lens
PL43-CDY01 P-TEC-PL43-CDY01_14 Datasheet
76Kb / 1P
   Rectangular 2x5mm Lens
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com