Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NJW0281G Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NJW0281G
Description  Complementary NPN-PNP Power Bipolar Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NJW0281G Datasheet(HTML) 4 Page - ON Semiconductor

  NJW0281G_13 Datasheet HTML 1Page - ON Semiconductor NJW0281G_13 Datasheet HTML 2Page - ON Semiconductor NJW0281G_13 Datasheet HTML 3Page - ON Semiconductor NJW0281G_13 Datasheet HTML 4Page - ON Semiconductor NJW0281G_13 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NJW0281G (NPN) NJW0302G (PNP)
http://onsemi.com
4
0
10
20
30
40
50
60
70
0.01
0.1
1
10
Figure 9. NJW0281G Current Gain Bandwidth
Product
IC, COLLECTOR CURRENT (A)
Figure 10. NJW0302G Current Gain Bandwidth
Product
IC, COLLECTOR CURRENT (A)
VCE= 5.0 V
25°C
0
10
20
30
40
50
60
0.01
0.1
1
10
VCE= 5.0 V
25°C


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn