Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NJW0281G Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NJW0281G
Description  Complementary NPN-PNP Power Bipolar Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NJW0281G Datasheet(HTML) 3 Page - ON Semiconductor

  NJW0281G_13 Datasheet HTML 1Page - ON Semiconductor NJW0281G_13 Datasheet HTML 2Page - ON Semiconductor NJW0281G_13 Datasheet HTML 3Page - ON Semiconductor NJW0281G_13 Datasheet HTML 4Page - ON Semiconductor NJW0281G_13 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NJW0281G (NPN) NJW0302G (PNP)
http://onsemi.com
3
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.01
0.1
1
10
100
IC, COLLECTOR CURRENT (A)
Figure 3. NJW0281G DC Current Gain
100°C
−25°C
25°C
Figure 4. NJW0302G DC Current Gain
VCE = 5.0 V
IC, COLLECTOR CURRENT (A)
Figure 5. NJW0281G Base−Emitter Voltage
IC, COLLECTOR CURRENT (A)
0.01
0.1
1
10
100
Figure 6. NJW0302G Base−Emitter Voltage
IC, COLLECTOR CURRENT (A)
VCE = 5.0 V
25°C
−25°C
100°C
10
100
500
0.05 0.1
1
10
50
100°C
−25°C
25°C
VCE = 5.0 V
−0.1
0.4
0.9
1.4
1.9
2.4
10
100
500
0.05 0.1
1
10
50
100°C
−25°C
25°C
VCE = 5.0 V
Figure 7. NJW0281G Saturation Voltage
0.01
0.1
1
10
0.01
0.1
1
10
100
IC/IB= 10
25°C
−25°C
100°C
IC, COLLECTOR CURRENT (A)
0.01
0.1
1
10
0.01
0.1
1
10
100
25°C
100°C
100°C
−25°C
Figure 8. NJW0302G Saturation Voltage
IC, COLLECTOR CURRENT (A)
IC/IB= 10


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn