Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJVNJD1718 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NJVNJD1718
Description  PNP Silicon DPAK For Surface Mount Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NJVNJD1718 Datasheet(HTML) 3 Page - ON Semiconductor

  NJVNJD1718 Datasheet HTML 1Page - ON Semiconductor NJVNJD1718 Datasheet HTML 2Page - ON Semiconductor NJVNJD1718 Datasheet HTML 3Page - ON Semiconductor NJVNJD1718 Datasheet HTML 4Page - ON Semiconductor NJVNJD1718 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NJD1718, NJVNJD1718
http://onsemi.com
3
TYPICAL CHARACTERISTICS
IC, COLLECTOR CURRENT (A)
IC/IB = 20
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
Figure 1. DC Current Gain
Figure 2. Collector−Emitter Saturation Voltage
Figure 3. Base−Emitter Saturation Voltage
Figure 4. Base−Emitter Voltage
IC, COLLECTOR CURRENT (A)
0
100
200
300
0.001
0.01
0.1
1
10
−55°C
25°C
150°C
VCE = 2.0 V
0
0.2
0.4
0.6
0.8
1
1.2
0.001
0.01
0.1
1
10
−55°C
25°C
150°C
0.20
0.40
0.60
0.80
1.00
1.20
1.40
0.001
0.01
0.1
1
10
−55°C
25°C
150°C
IC/IB = 20
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
0.001
0.01
0.1
1
10
VCE = 2.0 V
−55°C
25°C
150°C
1
10
100
1000
0.1
1
10
100
VR, REVERSE VOLTAGE (V)
Figure 5. Capacitance
TA = 25°C
Cib
Cob
10
100
IC, COLLECTOR CURRENT (A)
Figure 6. Current−Gain−Bandwidth Product
VCE = 2.0 V
TA = 25°C
0.001
0.01
0.1
1
10


Similar Part No. - NJVNJD1718

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJVNJD2873 ONSEMI-NJVNJD2873 Datasheet
72Kb / 5P
   Power Transistors
January, 2017 ??Rev. 18
NJVNJD2873T4G ONSEMI-NJVNJD2873T4G Datasheet
111Kb / 5P
   NPN Silicon DPAK For Surface Mount Applications
June, 2012 ??Rev. 14
NJVNJD2873T4G ONSEMI-NJVNJD2873T4G Datasheet
72Kb / 5P
   Power Transistors
January, 2017 ??Rev. 18
NJVNJD35N04G ONSEMI-NJVNJD35N04G Datasheet
128Kb / 4P
   NPN Darlington Power Transistor
February, 2012 ??Rev. 5
NJVNJD35N04T4G ONSEMI-NJVNJD35N04T4G Datasheet
128Kb / 4P
   NPN Darlington Power Transistor
February, 2012 ??Rev. 5
More results

Similar Description - NJVNJD1718

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJD210 UTC-MJD210_15 Datasheet
209Kb / 5P
   PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
MJD210 UTC-MJD210_10 Datasheet
209Kb / 5P
   PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
MJD210 UTC-MJD210 Datasheet
164Kb / 5P
   PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
logo
ON Semiconductor
NJVNJD2873T4G ONSEMI-NJVNJD2873T4G Datasheet
111Kb / 5P
   NPN Silicon DPAK For Surface Mount Applications
June, 2012 ??Rev. 14
NJD2873T4 ONSEMI-NJD2873T4 Datasheet
50Kb / 6P
   NPN Silicon DPAK For Surface Mount Applications
August, 2004 ??Rev. 3
MJD243 ONSEMI-MJD243_07 Datasheet
98Kb / 8P
   Complementary Silicon Plastic Power Transistor DPAK-3 for Surface Mount Applications
March, 2007 ??Rev. 10
MJD2955 ONSEMI-MJD2955_06 Datasheet
78Kb / 6P
   Complementary Power Transistors DPAK For Surface Mount Applications
January, 2006 ??Rev. 8
logo
Samsung semiconductor
MJD127 SAMSUNG-MJD127 Datasheet
194Kb / 3P
   PNP (D-PACK FOR SURFACE MOUNT APPLICATIONS)
logo
ON Semiconductor
MMBT6589T1 ONSEMI-MMBT6589T1 Datasheet
63Kb / 5P
   High Current Surface Mount PNP Silicon Switching Transistor for Switching Transistor for Portable Applications
January, 2006 ??Rev. 1
logo
Micro Commercial Compon...
SK32AFL MCC-SK32AFL Datasheet
521Kb / 4P
   For Surface Mount Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com