Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA123EE Datasheet(PDF) 5 Page - ON Semiconductor

Part # DTA123EE
Description  PNP Transistors with Monolithic Bias Resistor Network
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTA123EE Datasheet(HTML) 5 Page - ON Semiconductor

  DTA123EE Datasheet HTML 1Page - ON Semiconductor DTA123EE Datasheet HTML 2Page - ON Semiconductor DTA123EE Datasheet HTML 3Page - ON Semiconductor DTA123EE Datasheet HTML 4Page - ON Semiconductor DTA123EE Datasheet HTML 5Page - ON Semiconductor DTA123EE Datasheet HTML 6Page - ON Semiconductor DTA123EE Datasheet HTML 7Page - ON Semiconductor DTA123EE Datasheet HTML 8Page - ON Semiconductor DTA123EE Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MUN2131, MMUN2131L, MUN5131, DTA123EE, DTA123EM3, NSBA123EF3
www.onsemi.com
5
TYPICAL CHARACTERISTICS
MUN2131, MMUN2131L, MUN5131, DTA123EE, DTA123EM3
Figure 2. VCE(sat) vs. IC
Figure 3. DC Current Gain
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
40
30
20
50
10
0
0.01
0.1
1
100
10
0.1
0.1
10
100
1000
Figure 4. Output Capacitance
Figure 5. Output Current vs. Input Voltage
VR, REVERSE VOLTAGE (V)
Vin, INPUT VOLTAGE (V)
50
40
30
20
10
0
0
1
2
3
4
6
10
4
3
2
1
0
0.1
1
10
100
Figure 6. Input Voltage vs. Output Current
IC, COLLECTOR CURRENT (mA)
40
30
50
20
10
0
0.1
1
10
100
IC/IB = 10
150
°C
−55
°C
25
°C
VCE = 10 V
150
°C
−55
°C
25
°C
f = 10 kHz
IE = 0 A
TA = 25°C
VO = 5 V
150
°C
−55
°C
25
°C
VO = 0.2 V
150
°C
−55
°C
25
°C
5
1
1
7
8
9


Similar Part No. - DTA123EE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA123EE ROHM-DTA123EE Datasheet
68Kb / 3P
   Digital transistors (built-in resistors)
DTA123EE ROHM-DTA123EE Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
Weitron Technology
DTA123EE WEITRON-DTA123EE Datasheet
799Kb / 13P
   Bias Resistor Transistor PNP Silicon
logo
Rohm
DTA123EE ROHM-DTA123EE Datasheet
165Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA123EE ROHM-DTA123EE Datasheet
345Kb / 9P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTA123EE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2135 ONSEMI-MUN2135 Datasheet
111Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
March, 2015 ??Rev. 3
MUN2130 ONSEMI-MUN2130_15 Datasheet
104Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
January, 2015 ??Rev. 5
MUN2115 ONSEMI-MUN2115_13 Datasheet
149Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
March, 2013 ??Rev. 2
MUN2138 ONSEMI-MUN2138_13 Datasheet
144Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 2
MUN2137 ONSEMI-MUN2137_15 Datasheet
111Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
April, 2015 ??Rev. 3
MMUN2141L ONSEMI-MMUN2141L Datasheet
143Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 2
DTA113EM3 ONSEMI-DTA113EM3 Datasheet
137Kb / 10P
   PNP Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 2
MMUN2114L ONSEMI-MMUN2114L Datasheet
148Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
November, 2012 ??Rev. 2
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com