Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA114EM3 Datasheet(PDF) 8 Page - ON Semiconductor

Part # DTA114EM3
Description  Digital Transistors (BRT) R1 = 10 k, R2 = 10 k PNP Transistors with Monolithic Bias Resistor Network
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTA114EM3 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button DTA114EM3 Datasheet HTML 4Page - ON Semiconductor DTA114EM3 Datasheet HTML 5Page - ON Semiconductor DTA114EM3 Datasheet HTML 6Page - ON Semiconductor DTA114EM3 Datasheet HTML 7Page - ON Semiconductor DTA114EM3 Datasheet HTML 8Page - ON Semiconductor DTA114EM3 Datasheet HTML 9Page - ON Semiconductor DTA114EM3 Datasheet HTML 10Page - ON Semiconductor DTA114EM3 Datasheet HTML 11Page - ON Semiconductor DTA114EM3 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MUN2111, MMUN2111L, MUN5111, DTA114EE, DTA114EM3, NSBA114EF3
http://onsemi.com
8
PACKAGE DIMENSIONS
SOT−23 (TO−236)
CASE 318−08
ISSUE AP
D
A1
3
12
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH
THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM
THICKNESS OF BASE MATERIAL.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH,
PROTRUSIONS, OR GATE BURRS.
mm
inches
SCALE 10:1
0.8
0.031
0.9
0.035
0.95
0.037
0.95
0.037
2.0
0.079
SOLDERING FOOTPRINT*
VIEW C
L
0.25
L1
q
e
E
E
b
A
SEE VIEW C
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
0.89
1.00
1.11
0.035
INCHES
A1
0.01
0.06
0.10
0.001
b
0.37
0.44
0.50
0.015
c
0.09
0.13
0.18
0.003
D
2.80
2.90
3.04
0.110
E
1.20
1.30
1.40
0.047
e
1.78
1.90
2.04
0.070
L
0.10
0.20
0.30
0.004
0.040
0.044
0.002
0.004
0.018
0.020
0.005
0.007
0.114
0.120
0.051
0.055
0.075
0.081
0.008
0.012
NOM
MAX
L1
H
STYLE 6:
PIN 1. BASE
2. EMITTER
3. COLLECTOR
2.10
2.40
2.64
0.083
0.094
0.104
HE
0.35
0.54
0.69
0.014
0.021
0.029
c
0
−−−
10
0
−−−
10
q
°
°
°
°
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.


Similar Part No. - DTA114EM3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA114EM3 ONSEMI-DTA114EM3 Datasheet
146Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
December, 2013 ??Rev. 7
DTA114EM3 ONSEMI-DTA114EM3 Datasheet
184Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 8
DTA114EM3 ONSEMI-DTA114EM3 Datasheet
108Kb / 12P
   Digital Transistors (BRT)
July, 2018 ??Rev. 9
DTA114EM3T5G ONSEMI-DTA114EM3T5G Datasheet
124Kb / 12P
   Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
February, 2004 ??Rev. 0
DTA114EM3T5G ONSEMI-DTA114EM3T5G Datasheet
146Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
December, 2013 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com