Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMUN2114T1G Datasheet(PDF) 8 Page - ON Semiconductor

Part # SMUN2114T1G
Description  PNP Transistors with Monolithic Bias Resistor Network
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMUN2114T1G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button SMUN2114T1G Datasheet HTML 4Page - ON Semiconductor SMUN2114T1G Datasheet HTML 5Page - ON Semiconductor SMUN2114T1G Datasheet HTML 6Page - ON Semiconductor SMUN2114T1G Datasheet HTML 7Page - ON Semiconductor SMUN2114T1G Datasheet HTML 8Page - ON Semiconductor SMUN2114T1G Datasheet HTML 9Page - ON Semiconductor SMUN2114T1G Datasheet HTML 10Page - ON Semiconductor SMUN2114T1G Datasheet HTML 11Page - ON Semiconductor SMUN2114T1G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MUN2114, MMUN2114L, MUN5114, DTA114YE, DTA114YM3, NSBA114YF3
http://onsemi.com
8
PACKAGE DIMENSIONS
SOT−23 (TO−236)
CASE 318−08
ISSUE AP
D
A1
3
12
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH
THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM
THICKNESS OF BASE MATERIAL.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH,
PROTRUSIONS, OR GATE BURRS.
mm
inches
SCALE 10:1
0.8
0.031
0.9
0.035
0.95
0.037
0.95
0.037
2.0
0.079
SOLDERING FOOTPRINT*
VIEW C
L
0.25
L1
q
e
E
E
b
A
SEE VIEW C
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
0.89
1.00
1.11
0.035
INCHES
A1
0.01
0.06
0.10
0.001
b
0.37
0.44
0.50
0.015
c
0.09
0.13
0.18
0.003
D
2.80
2.90
3.04
0.110
E
1.20
1.30
1.40
0.047
e
1.78
1.90
2.04
0.070
L
0.10
0.20
0.30
0.004
0.040
0.044
0.002
0.004
0.018
0.020
0.005
0.007
0.114
0.120
0.051
0.055
0.075
0.081
0.008
0.012
NOM
MAX
L1
H
STYLE 6:
PIN 1. BASE
2. EMITTER
3. COLLECTOR
2.10
2.40
2.64
0.083
0.094
0.104
HE
0.35
0.54
0.69
0.014
0.021
0.029
c
0
−−−
10
0
−−−
10
q
°
°
°
°
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.


Similar Part No. - SMUN2114T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMUN2114T1G ONSEMI-SMUN2114T1G Datasheet
147Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 47 k
September, 2012 ??Rev. 1
SMUN2114T1G ONSEMI-SMUN2114T1G Datasheet
184Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
More results

Similar Description - SMUN2114T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2131 ONSEMI-MUN2131_15 Datasheet
103Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
January, 2015 ??Rev. 4
MUN2135 ONSEMI-MUN2135 Datasheet
111Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
March, 2015 ??Rev. 3
MUN2130 ONSEMI-MUN2130_15 Datasheet
104Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
January, 2015 ??Rev. 5
MUN2115 ONSEMI-MUN2115_13 Datasheet
149Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
March, 2013 ??Rev. 2
MUN2138 ONSEMI-MUN2138_13 Datasheet
144Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 2
MUN2137 ONSEMI-MUN2137_15 Datasheet
111Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
April, 2015 ??Rev. 3
MMUN2141L ONSEMI-MMUN2141L Datasheet
143Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 2
DTA113EM3 ONSEMI-DTA113EM3 Datasheet
137Kb / 10P
   PNP Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 2
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com